Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 41 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 37Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 38Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 39Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 40Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 41Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 42Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 43Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 44Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
Table 4-3. LED Mode Select
LED_CFG[0]
LED_CGF[1]
MODE
(BIT 5)
LED_LINK
LED_SPEED
LED_ACT/COL
(BIT 6)
or (PIN 40)
ON for Good Link
ON in 100 Mb/s
ON for Activity
1
don't care
1
OFF for No Link
OFF in 10 Mb/s
OFF for No Activity
ON for Good Link
ON in 100 Mb/s
ON for Collision
2
0
0
BLINK for Activity
OFF in 10 Mb/s
OFF for No Collision
ON for Good Link
ON in 100 Mb/s
ON for Full Duplex
3
1
0
BLINK for Activity
OFF in 10 Mb/s
OFF for Half Duplex
The LED_LINK pin in Mode 1 indicates the link status of the port. In 100BASE-T mode, link is established
as a result of input receive amplitude compliant with the TPPMD specifications which will result in internal
generation of signal detect. A 10 Mb/s Link is established as a result of the reception of at least seven
consecutive normal link pulses or the reception of a valid 10BASE-T packet. This will cause the assertion
of LED_LINK. LED_LINK will deassert in accordance with the Link Loss Timer as specified in the IEEE
802.3 specification.
The LED_LINK pin in Mode 1 will be OFF when no LINK is present.
The LED_LINK pin in Mode 2 and Mode 3 will be ON to indicate Link is good and BLINK to indicate
activity is present on either transmit or receive activity.
The LED_SPEED pin indicates 10 or 100 Mb/s data rate of the port. The standard CMOS driver goes high
when operating in 100 Mb/s operation. The functionality of this LED is independent of mode selected.
The LED_ACT/COL pin in Mode 1 indicates the presence of either transmit or receive activity. The LED
will be ON for Activity and OFF for No Activity. In Mode 2, this pin indicates the Collision status of the port.
The LED will be ON for Collision and OFF for No Collision.
The LED_ACT/COL pin in Mode 3 indicates the presence of duplex status for 10 Mb/s or 100 Mb/s
operation. The LED will be ON for full duplex and OFF for half duplex.
In 10 Mb/s half duplex mode, the collision LED is based on the COL signal.
Since these LED pins are also used as strap options, the polarity of the LED is dependent on whether the
pin is pulled up or down.
4.4.1
LEDs
Since the auto-negotiation (AN) strap options share the LED output pins, the external components
required for strapping and LED usage must be considered in order to avoid contention.
Specifically, when the LED outputs are used to drive LEDs directly, the active state of each output driver is
dependent on the logic level sampled by the corresponding AN input upon power-up/reset. For example, if
a given AN input is resistively pulled low then the corresponding output will be configured as an active
high driver. Conversely, if a given AN input is resistively pulled high, then the corresponding output will be
configured as an active low driver.
Refer to Figure 4-2 for an example of AN connections to external components. In this example, the AN
strapping results in auto-negotiation with 10/100 half or full duplex advertised.
The adaptive nature of the LED outputs helps to simplify potential implementation issues of these dual
purpose pins.
Copyright © 2012–2013, Texas Instruments Incorporated
CONFIGURATION
41
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com