Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 40 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 36Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 37Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 38Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 39Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 40Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 41Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 42Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 43Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
VCC
PHYAD0 = 1
PHYAD1 = 1
PHYAD2 = 0
PHYAD3 = 0
PHYAD4 = 0
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
The DP83848 can be set to respond to any of 32 possible PHY addresses via strap pins. The information
is latched into the PHYCR (address 19h, bits [4:0]) at device power-up and hardware reset. The PHY
address pins are shared with the RXD and COL pins. Each DP83848 or port sharing an MDIO bus in a
system must have a unique physical address.
The DP83848 supports PHY address strapping values 0 (<00000>) through 31 (<11111>). Strapping PHY
address 0 puts the part into isolate mode. It should also be noted that selecting PHY address 0 via an
MDIO write to PHYCR will not put the device in isolate mode.
For further detail relating to the latch-in timing requirements of the PHY address pins, as well as the other
hardware configuration pins, refer to the Reset summary in Section 8.
Since the PHYAD[0] pin has weak internal pull-up resistor and PHYAD[4:1] pins have weak internal pull-
down resistors, the default setting for the PHY address is 00001 (01h).
Refer to Figure 4-1 for an example of a PHYAD connection to external components. In this example, the
PHYAD strapping results in address 00011 (03h).
Figure 4-1. PHYAD Strapping Example
4.3.1
MII Isolate Mode
The DP83848 can be put into MII isolate mode by writing to bit 10 of the BMCR register or by strapping in
physical address 0. It should be noted that selecting physical address 0 via an MDIO write to PHYCR will
not put the device in the MII isolate mode.
When in the MII isolate mode, the DP83848 does not respond to packet data present at TXD[3:0], TX_EN
inputs and presents a high impedance on the TX_CLK, RX_CLK, RX_DV, RX_ER, RXD[3:0], COL, and
CRS outputs. When in Isolate mode, the DP83848 will continue to respond to all management
transactions.
While in Isolate mode, the PMD output pair will not transmit packet data but will continue to source
100BASE-TX scrambled idles or 10BASE-T normal link pulses.
The DP83848 can auto-negotiate or parallel detect to a specific technology depending on the receive
signal at the PMD input pair. A valid link can be established for the receiver even when the DP83848 is in
Isolate mode.
4.4
LED Interface
The DP83848 supports three configurable light emitting diode (LED) pins. The device supports three LED
configurations: Link, Speed, Activity and Collision. Functions are multiplexed among the LEDs. The
PHYCR for the LEDs can also be selected through address 19h, bits [6:5].
40
CONFIGURATION
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com