Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 34 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 30Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 31Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 32Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 33Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 34Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 35Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 36Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 37Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
X1
TXD[1:0]
TX_EN
Valid data
PMD output pair
Symbol
T2.26.1
T2.26.4
T2.26.2
T2.26.3
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
3.5.26 RMII Transmit Timing
Figure 3-27. RMII Transmit Timing
xxx
PARAMETER
DESCRIPTION
NOTES
MIN
TYP
MAX
UNIT
T2.26.1
X1 Clock Period
50 MHz Reference Clock
20
ns
T2.26.2
TXD[1:0], TX_EN, Data Setup to
3.70
ns
X1 rising
T2.26.3
TXD[1:0], TX_EN, Data Hold from
1.70
ns
X1 rising
T2.26.4
X1 Clock to PMD Output Pair
From X1 Rising edge to first bit of
17
bits
Latency
symbol
34
ELECTRICAL SPECIFICATIONS
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com