Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 61 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 57Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 58Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 59Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 60Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 61Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 62Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 63Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 64Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
Example: To generate an interrupt on a change of link status or on a change of energy detect power state,
the steps would be:
•
Write 0003h to MICR to set INTEN and INT_OE
•
Write 0060h to MISR to set ED_INT_EN and LINK_INT_EN
•
Monitor PWR_DOWN/INT pin
When PWR_DOWN/INT pin asserts low, user would read the MISR register to see if the ED_INT or
LINK_INT bits are set, i.e. which source caused the interrupt. After reading the MISR, the interrupt bits
should clear and the PWR_DOWN/INT pin will deassert.
7.6
Energy Detect Mode
When energy detect is enabled and there is no activity on the cable, the DP83848 will remain in a low
power mode while monitoring the transmission line. Activity on the line will cause the DP83848 to go
through a normal power up sequence. Regardless of cable activity, the DP83848 will occasionally wake
up the transmitter to put ED pulses on the line, but will otherwise draw as little power as possible. Energy
detect functionality is controlled via register energy detect control (EDCR), address 0x1Dh.
7.7
Thermal Vias Recommendation
The following thermal via guidelines apply to GNDPAD, pin 49:
1. Thermal via size = 0.2 mm
2. Recommend 4 vias
3. Vias have a center to center separation of 2 mm
Adherence to this guideline is required to achieve the intended operating temperature range of the device.
Figure 7-4 illustrates an example layout.
Figure 7-4. Top View, Thermal Vias for GNDPAD, Pin 49
Copyright © 2012–2013, Texas Instruments Incorporated
DESIGN GUIDELINES
61
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com