Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 76 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 72Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 73Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 74Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 75Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 76Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 77Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 78Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 79Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
Table 9-12. PHY Status Register (PHYSTS), Address 0x10 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
Duplex:
This bit indicates duplex status and is determined from Auto-
Negotiation or Forced Modes.
1 = Full duplex mode
2
Duplex Status
0, RO
0 = Half duplex mode
Note: This bit is only valid if Auto-Negotiation is enabled and complete
and there is a valid link or if Auto-Negotiation is disabled and there is
a valid link.
Speed10:
This bit indicates the status of the speed and is determined from Auto-
Negotiation or Forced Modes.
1 = 10 Mb/s mode
1
Speed Status
0, RO
0 = 100 Mb/s mode
Note: This bit is only valid if Auto-Negotiation is enabled and complete
and there is a valid link or if Auto-Negotiation is disabled and there is
a valid link.
Link Status:
This bit is a duplicate of the Link Status bit in the BMSR register,
except that it will not be cleared upon a read of the PHYSTS register.
0
Link Status
0, RO
1 = Valid link established (for either 10 or 100 Mb/s operation)
0 = Link not established
9.3.2
MII Interrupt Control Register (MICR)
This register implements the MII interrupt PHY specific control register. Sources for interrupt generation
include: energy detect state change, link state change, speed status change, duplex status change, auto-
negotiation complete or any of the counters becoming half-full. The individual interrupt events must be
enabled by setting bits in the MII interrupt status and event control register (MISR).
Table 9-13. MII Interrupt Control Register (MICR), Address 0x11
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:3
RESERVED
0, RO
Reserved: Write ignored, Read as 0
Test Interrupt:
Forces the PHY to generate an interrupt to facilitate interrupt testing.
Interrupts will continue to be generated as long as this bit remains set.
2
TINT
0, RW
1 = Generate an interrupt
0 = Do not generate interrupt
Interrupt Enable:
Enable interrupt dependent on the event enables in the MISR register.
1
INTEN
0, RW
1 = Enable event based interrupts
0 = Disable event based interrupts
Interrupt Output Enable:
Enable interrupt events to signal via the PWR_DOWN/INT pin by
configuring the PWR_DOWN/INT pin as an output.
0
INT_OE
0, RW
1 = PWR_DOWN/INT is an Interrupt Output
0 = PWR_DOWN/INT is a Power Down Input
76
REGISTER BLOCK
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com