Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 70 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 66Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 67Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 68Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 69Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 70Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 71Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 72Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 73Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
Table 9-4. Basic Mode Status Register (BMSR), Address 0x01 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
Auto Negotiation Ability:
3
Auto-Negotiation Ability
1, RO/P
1 = Device is able to perform Auto-Negotiation
0 = Device is not able to perform Auto-Negotiation
Link Status:
1 = Valid link established (for either 10 or 100 Mb/s operation)
0 = Link not established
2
Link Status
0, RO/LL
The criteria for link validity is implementation specific. The occurrence of
a link failure condition will causes the Link Status bit to clear. Once
cleared, this bit may only be set by establishing a good link condition and
a read via the management interface.
Jabber Detect: This bit only has meaning in 10 Mb/s mode
1 = Jabber condition detected
0 = No Jabber
1
Jabber Detect
0, RO/LH
This bit is implemented with a latching function, such that the occurrence
of a jabber condition causes it to set until it is cleared by a read to this
register by the management interface or by a reset.
Extended Capability:
0
Extended Capability
1, RO/P
1 = Extended register capabilities
0 = Basic register set capabilities only
9.2.3
PHY Identifier Register #1 (PHYIDR1)
The PHY Identifier Registers #1 and #2 together form a unique identifier for the DP83848. The Identifier
consists of a concatenation of the Organizationally Unique Identifier (OUI), the vendor's model number
and the model revision number. A PHY may return a value of zero in each of the 32 bits of the PHY
Identifier if desired. The PHY Identifier is intended to support network management. National's IEEE
assigned OUI is 080017h.
Table 9-5. PHY Identifier Register #1 (PHYIDR1), Address 0x02
BIT
BIT NAME
DEFAULT
DESCRIPTION
OUI Most Significant Bits: Bits 3 to 18 of the OUI (080017h) are stored
<0010 0000 0000 0000>,
15:0
OUI_MSB
in bits 15 to 0 of this register. The most significant two bits of the OUI
RO/P
are ignored (the IEEE standard refers to these as bits 1 and 2).
9.2.4
PHY Identifier Register #2 (PHYIDR2)
Table 9-6. PHY Identifier Register #2 (PHYIDR2), Address 0x03
BIT
BIT NAME
DEFAULT
DESCRIPTION
OUI Least Significant Bits:
15:10
OUI_LSB
<0101 11>, RO/P
Bits 19 to 24 of the OUI (080017h) are mapped from bits 15 to 10 of
this register respectively.
Vendor Model Number:
9:4
VNDR_MDL
<00 1001 >, RO/P
The six bits of vendor model number are mapped from bits 9 to 4
(most significant bit to bit 9).
Model Revision Number:
Four bits of the vendor model revision number are mapped from bits 3
3:0
MDL_REV
<0000>, RO/P
to 0 (most significant bit to bit 3). This field will be incremented for all
major device changes.
70
REGISTER BLOCK
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com