Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 59 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 55Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 56Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 57Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 58Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 59Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 60Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 61Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 62Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
X1
X2
C
L2
C
L1
R
1
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
7.3.2
Crystal
A 25 MHz, parallel, 20 pF load crystal resonator should be used if a crystal source is desired. Figure 7-2
shows a typical connection for a crystal resonator circuit. The load capacitor values will vary with the
crystal vendors; check with the vendor for the recommended loads.
The oscillator circuit is designed to drive a parallel resonance at cut crystal with a minimum drive level of
100
μW and a maximum of 500 μW. If a crystal is specified for a lower drive level, a current limiting
resistor should be placed in series between X2 and the crystal.
As a starting point for evaluating an oscillator circuit, if the requirements for the crystal are not known, CL1
and CL2 should be set at 33 pF, and R1 should be set at 0
Ω.
Specification for 25 MHz crystal are listed in Table 7-3.
Figure 7-2. Crystal Oscillator Circuit
Table 7-1. 25 MHz Oscillator Specification
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
Frequency
25
MHz
Frequency tolerance
±50
ppm
Operational temperature
Frequency stability
±50
ppm
1 year aging
Rise/Fall time
6
ns
20% - 80%
Jitter
800(1)
ps
Short term
Jitter
800(1)
ps
Long term
Symmetry
40%
60%
Duty cycle
(1)
This limit is provided as a guideline for component selection and to guaranteed by production testing. Refer to AN-1548, “PHYTER 100
Base-TX Reference Clock Jitter Tolerance,“ for details on jitter performance.
Table 7-2. 50 MHz Oscillator Specification
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
Frequency
50
MHz
Frequency tolerance
±50
ppm
Operational temperature
Frequency stability
±50
ppm
Operational temperature
Rise/Fall time
6
ns
20% - 80%
Jitter
800(1)
ps
Short term
Jitter
800(1)
ps
Long term
Symmetry
40%
60%
Duty cycle
(1)
This limit is provided as a guideline for component selection and to guaranteed by production testing. Refer to AN-1548, “PHYTER 100
Base-TX Reference Clock Jitter Tolerance,“ for details on jitter performance.
Copyright © 2012–2013, Texas Instruments Incorporated
DESIGN GUIDELINES
59
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com