Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 31 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 27Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 28Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 29Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 30Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 31Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 32Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 33Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 34Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
SD+ internal
PMD Input Pair
T2.23.1
T2.23.2
Fast link pulses
T2.22.1
T2.22.3
T2.22.2
T2.22.1
T2.22.5
T2.22.4
clock
pulse
clock
pulse
data
pulse
FLP burst
FLP burst
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
3.5.22 Auto-Negotiation Fast Link Pulse (FLP) Timing
Figure 3-23. Auto-Negotiation Fast Link Pulse (FLP) Timing
xxx
PARAMETER
DESCRIPTION
NOTES
MIN
TYP
MAX
UNIT
T2.22.1
Clock, Data Pulse Width
100
ns
T2.22.2
Clock Pulse to Clock Pulse Period
125
μs
T2.22.3
Clock Pulse to Data Pulse Period
Data = 1
62
μs
T2.22.4
Burst Width
2
ms
T2.22.5
FLP Burst to FLP Burst Period
16
ms
3.5.23 100BASE-TX Signal Detect Timing
Figure 3-24. 100BASE-TX Signal Detect Timing
xxx
PARAMETER
DESCRIPTION
NOTES(1)
MIN
TYP
MAX
UNIT
T2.23.1
SD Internal Turn-on Time
1
ms
T2.23.2
SD Internal Turn-off Time
350
µs
(1)
The signal amplitude on PMD Input Pair must be TP-PMD compliant.
Copyright © 2012–2013, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
31
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com