Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 37 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 33Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 34Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 35Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 36Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 37Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 38Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 39Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 40Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
4
CONFIGURATION
4.1
Auto-Negotiation
The auto-negotiation function provides a mechanism for exchanging configuration information between
two ends of a link segment and automatically selecting the highest performance mode of operation
supported by both devices. Fast link pulse (FLP) bursts provide the signalling used to communicate auto-
negotiation abilities between two devices at each end of a link segment. For further detail regarding auto-
negotiation, refer to Clause 28 of the IEEE 802.3u specification. The DP83848 supports four different
ethernet protocols (10 Mb/s half duplex, 10 Mb/s full duplex, 100 Mb/s half duplex, and 100 Mb/s full
duplex), so the inclusion of auto-negotiation ensures that the highest performance protocol will be selected
based on the advertised ability of the link partner. The auto-negotiation function within the DP83848 can
be controlled either by internal register access or by the use of the AN_EN, AN1 and AN0 pins.
4.1.1
Auto-Negotiation Pin Control
The state of AN_EN, AN0 and AN1 determines whether the DP83848 is forced into a specific mode or
auto-negotiation will advertise a specific ability (or set of abilities) as given in Table 4-1. These pins allow
configuration options to be selected without requiring internal register access.
The state of AN_EN, AN0 and AN1, upon power-up/reset, determines the state of bits [8:5] of the ANAR
register.
The auto-negotiation function selected at power-up or reset can be changed at any time by writing to the
basic mode control register (BMCR) at address 0x00h.
Table 4-1. Auto-Negotiation Modes
AN_EN
AN1
AN0
Forced Mode
0
0
0
10BASE-T, Half Duplex
0
0
1
10BASE-T, Full Duplex
0
1
0
100BASE-TX, Half Duplex
0
1
1
100BASE-TX, Full Duplex
AN_EN
AN1
AN0
Advertised Mode
1
0
0
10BASE-T, Half or Full Duplex
1
0
1
100BASE-TX, Half or Full Duplex
10BASE-T Half Duplex
1
1
0
100BASE-TX, Half Duplex
10BASE-T, Half/Full Duplex
1
1
1
100BASE-TX, Half/Full Duplex
4.1.2
Auto-Negotiation Register Control
When auto-negotiation is enabled, the DP83848 transmits the abilities programmed into the auto-
negotiation advertisement register (ANAR) at address 04h via FLP Bursts. Any combination of 10 Mb/s,
100 Mb/s, half duplex, and full duplex modes may be selected.
Auto-negotiation priority resolution:
1. 100BASE-TX Full Duplex (Highest Priority)
2. 100BASE-TX Half Duplex
3. 10BASE-T Full Duplex
4. 10BASE-T Half Duplex (Lowest Priority)
Copyright © 2012–2013, Texas Instruments Incorporated
CONFIGURATION
37
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com