Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 57 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 53Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 54Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 55Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 56Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 57Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 58Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 59Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 60Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
Once disabled by the Jabber function, the transmitter stays disabled for the entire time that the ENDEC
module's internal transmit enable is asserted. This signal has to be deasserted for approximately 500 ms
(the “unjab” time) before the Jabber function re-enables the transmit outputs.
The Jabber function is only relevant in 10BASE-T mode.
6.3.7
Automatic Link Polarity Detection and Correction
The DP83848's 10BASE-T transceiver module incorporates an automatic link polarity detection circuit.
When three consecutive inverted link pulses are received, bad polarity is reported.
A polarity reversal can be caused by a wiring error at either end of the cable, usually at the main
distribution frame (MDF) or patch panel in the wiring closet.
The bad polarity condition is latched in the 10BTSCR register. The DP83848's 10BASE-T transceiver
module corrects for this error internally and will continue to decode received data correctly. This eliminates
the need to correct the wiring error immediately.
6.3.8
Transmit and Receive Filtering
External 10BASE-T filters are not required when using the DP83848, as the required signal conditioning is
integrated into the device.
Only isolation transformers and impedance matching resistors are required for the 10BASE-T transmit and
receive interface. The internal transmit filtering ensures that all the harmonics in the transmit signal are
attenuated by at least 30 dB.
6.3.9
Transmitter
The encoder begins operation when the transmit enable input (TX_EN) goes high and converts NRZ data
to preemphasized Manchester data for the transceiver. For the duration of TX_EN, the serialized transmit
data (TXD) is encoded for the transmit-driver pair (PMD Output Pair). TXD must be valid on the rising
edge of transmit clock (TX_CLK). Transmission ends when TX_EN deasserts. The last transition is always
positive; it occurs at the center of the bit cell if the last bit is a one, or at the end of the bit cell if the last bit
is a zero.
6.3.10 Receiver
The decoder detects the end of a frame when no additional mid-bit transitions are detected. Within one
and a half bit times after the last bit, carrier sense is de-asserted. Receive clock stays active for five more
bit times after CRS goes low, to guarantee the receive timings of the controller.
Copyright © 2012–2013, Texas Instruments Incorporated
ARCHITECTURE
57
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com