Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 83 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 79Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 80Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 81Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 82Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 83Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 84Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 85Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 86Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
9.3.11 CD Test and BIST Extensions Register (CDCTRL1)
Table 9-22. CD Test and BIST Extensions Register (CDCTRL1), Address 0x1B
BIT
BIT NAME
DEFAULT
DESCRIPTION
BIST ERROR Counter:
BIST_ERROR_CO
Counts number of errored data nibbles during Packet BIST. This value
15:8
0, RO
UNT
will reset when Packet BIST is restarted. The counter sticks when it
reaches its max count.
7:6
RESERVED
0, RW
RESERVED: Must be zero
Packet BIST Continuous Mode:
Allows continuous pseudo random data transmission without any
break in transmission. This can be used for transmit VOD testing. This
5
BIST_CONT_MOD E
0, RW
is used in conjunction with the BIST controls in the PHYCR Register
(0x19h). For 10Mb operation, jabber function must be disabled, bit 0
of the 10BTSCR (0x1Ah), JABBER_DIS = 1.
CD Pattern Enable for 10Mb:
4
CDPATTEN_10
0, RW
1 = Enabled
0 = Disabled
3
RESERVED
0, RW
RESERVED: Must be zero
Defines gap between data or NLP test sequences:
2
10MEG_PATT_GA P
0, RW
1 = 15
μs
0 = 10
μs
CD Pattern Select[1:0]:
If CDPATTEN_10 = 1:
00 = Data, EOP0 sequence
1:0
CDPATTSEL[1:0]
00, RW
01 = Data, EOP1 sequence
10 = NLPs
11 = Constant Manchester 1s (10MHz sine wave) for harmonic
distortion testing
9.3.12 Energy Detect Control (EDCR)
Table 9-23. Energy Detect Control (EDCR), Address 0x1D
BIT
BIT NAME
DEFAULT
DESCRIPTION
Energy Detect Enable:
Allow Energy Detect Mode.
15
ED_EN
0, RW
When Energy Detect is enabled and Auto-Negotiation is disabled via
the BMCR register, Auto-MDIX should be disabled via the PHYCR
register.
Energy Detect Automatic Power Up:
Automatically begin power up sequence when Energy Detect Data
14
ED_AUTO_UP
1, RW
Threshold value (EDCR[3:0]) is reached. Alternatively, device could
be powered up manually using the ED_MAN bit (ECDR[12]).
Energy Detect Automatic Power Down:
Automatically begin power down sequence when no energy is
13
ED_AUTO_DOWN
1, RW
detected. Alternatively, device could be powered down using the
ED_MAN bit (EDCR[12]).
Energy Detect Manual Power Up/Down:
Begin power up/down sequence when this bit is asserted. When set,
the Energy Detect algorithm will initiate a change of Energy Detect
12
ED_MAN
0, RW/SC
state regardless of threshold (error or data) and timer values. In
managed applications, this bit can be set after clearing the Energy
Detect interrupt to control the timing of changing the power state.
Copyright © 2012–2013, Texas Instruments Incorporated
REGISTER BLOCK
83
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com