Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/12615-01XE-R Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01XE-R
Description  PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01XE-R Datasheet(HTML) 12 Page - Texas Instruments

Back Button V62/12615-01XE-R Datasheet HTML 8Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 9Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 10Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 11Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 12Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 13Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 14Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 15Page - Texas Instruments V62/12615-01XE-R Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
2.4
Terminal Descriptions
All DP83848 signal pins are I/O cells regardless of the particular use. The definitions below define the
functionality of the I/O cells for each pin.
Type: I - Input
Type: O - Output
Type: I/O - Input/Output
Type OD - Open Drain
Type: PD, PU - Internal Pulldown/Pullup
Type: S - Strapping Pin (All strap pins have weak internal pull-ups or pull-downs. If the default strap value
is needed to be changed then an external 2.2 k
Ω resistor should be used.)
Table 2-1. Serial Management Interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
MANAGEMENT DATA CLOCK: Synchronous clock to the MDIO management data input/output serial interface
MDC
31
I
which may be asynchronous to transmit and receive clocks. The maximum clock rate is 25 MHz with no minimum
clock rate.
MANAGEMENT DATA I/O: Bi-directional management instruction/ data signal that may be sourced by the station
MDIO
30
I/O
management entity or the PHY. This pin requires a 1.5 k
Ω pullup resistor.
Table 2-2. MAC Data Interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
MII TRANSMIT CLOCK: 25 MHz Transmit clock output in 100 Mb/s mode or 2.5 MHz in 10 Mb/s mode derived
from the 25 MHz reference clock.
Unused in RMII mode. The device uses the X1 reference clock input as the 50 MHz reference for both transmit
TX_CLK
1
O
and receive.
SNI TRANSMIT CLOCK: 10 MHz Transmit clock output in 10 Mb SNI mode. The MAC should source TX_EN
and TXD_0 using this clock.
MII TRANSMIT ENABLE: Active high input indicates the presence of valid data inputs on TXD[3:0].
TX_EN
2
I, PD
RMII TRANSMIT ENABLE: Active high input indicates the presence of valid data on TXD[1:0].
SNI TRANSMIT ENABLE: Active high input indicates the presence of valid data on TXD_0.
MII TRANSMIT DATA: Transmit data MII input pins, TXD[3:0], that accept data synchronous to the TX_CLK
TXD_0
3
I
(2.5 MHz in 10 Mb/s mode or 25 MHz in 100 Mb/s mode).
RMII TRANSMIT DATA: Transmit data RMII input pins, TXD[1:0], that accept data synchronous to the 50 MHz
TXD_1
4
reference clock.
TXD_2
5
SNI TRANSMIT DATA: Transmit data SNI input pin, TXD_0, that accept data synchronous to the TX_CLK
(10 MHz in 10 Mb/s SNI mode).
TXD_3
6
S, I, PD
MII RECEIVE CLOCK: Provides the 25 MHz recovered receive clocks for 100 Mb/s mode and 2.5 MHz for
10 Mb/s mode.
RX_CLK
38
O
Unused in RMII mode. The device uses the X1 reference clock input as the 50 MHz reference for both transmit
and receive.
SNI RECEIVE CLOCK: Provides the 10 MHz recovered receive clocks for 10 Mb/s SNI mode.
MII RECEIVE DATA VALID: Asserted high to indicate that valid data is present on the corresponding RXD[3:0].
MII mode by default with internal pulldown.
RX_DV
39
S, O, PD
RMII Synchronous Receive Data Valid: This signal provides the RMII Receive Data Valid indication
independent of Carrier Sense.
This pin is not used in SNI mode.
12
OVERVIEW
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com