Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ADE3700 Datasheet HTML 3Page - STMicroelectronics ADE3700 Datasheet HTML 4Page - STMicroelectronics ADE3700 Datasheet HTML 5Page - STMicroelectronics ADE3700 Datasheet HTML 6Page - STMicroelectronics ADE3700 Datasheet HTML 7Page - STMicroelectronics ADE3700 Datasheet HTML 8Page - STMicroelectronics ADE3700 Datasheet HTML 9Page - STMicroelectronics ADE3700 Datasheet HTML 10Page - STMicroelectronics ADE3700 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
7/89
ADE3700
Pin Descriptions
1.1
Pin Descriptions
Table 2: Pinout (Sheet 1 of 4)
LQFP128
Name
Type
Description
32
XVDD18
Power
Crystal Oscillator 1.8V VDD
31
XTAL_OUT
Output
Crystal Oscillator output
30
XTAL_IN
Input
Crystal Oscillator input
29
XGND
Power
Crystal Oscillator Ground
19
XCLK_EN
Input
Crystal clock output enable
18
XCLK
Output
Crystal clock buffered output
34
VSYNC
Input
Vertical Sync Input
21
TSTCLK
Input
Connect to Digital Ground
65
TST_SCAN
Input
Connect to Digital Ground
8
TCON7
Output
TCON Output 7
9
TCON6/OVS
Output
TCON Output 6/Output Vertical Sync
10
TCON5/OHS
Output
TCON Output 5/Output Horizontal Sync
11
TCON4/ODE
Output
TCON Output 4/Output Data Enable
12
TCON3
Input/Output
TCON Output 3
13
TCON2
Input/Output
TCON Output 2
14
TCON1
Input/Output
TCON Output 1
15
TCON0
Input/Output
TCON Output 0
17
SDA
Open Drain I/O
I2C Data
16
SCL
Input
I2C Clock
20
RESETN
Input
Reset input, Active Low
54
REFR
Passive
1% 15.0 kOhm resistor to Analog Ground
55
REFMR
Passive
Connect to Analog Ground
48
REFMG
Passive
Connect to Analog Ground
41
REFMB
Passive
Connect to Analog Ground
47
REFG
Passive
1% 15.0 kOhm resistor to Analog Ground
58
REFCR
Passive
100nF capacitor to Analog Ground
51
REFCG
Passive
100nF capacitor to Analog Ground
44
REFCB
Passive
100nF capacitor to Analog Ground
40
REFB
Passive
1% 15.0 kOhm resistor to Analog Ground
26
PVDD18
Power
PLL 1.8V VDD
28
PVDD18
Power
PLL 1.8V VDD
25
PGND
Power
PLL Ground
27
PGND
Power
PLL Ground
105
AVS
Output
Alternate Vertical Sync
126
ORB7
Input/Output
Output Port B: Red Data 7
127
ORB6
Input/Output
Output Port B: Red Data 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com