Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ADE3700 Datasheet HTML 40Page - STMicroelectronics ADE3700 Datasheet HTML 41Page - STMicroelectronics ADE3700 Datasheet HTML 42Page - STMicroelectronics ADE3700 Datasheet HTML 43Page - STMicroelectronics ADE3700 Datasheet HTML 44Page - STMicroelectronics ADE3700 Datasheet HTML 45Page - STMicroelectronics ADE3700 Datasheet HTML 46Page - STMicroelectronics ADE3700 Datasheet HTML 47Page - STMicroelectronics ADE3700 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 89 page
background image
LCD Scaler
ADE3700
44/89
SCL_LUT7
0x0A22
R/W
[7:0]
0x17
Sigmoidal Function LUT Entry 7, 8-bit 2’s
complement
SCL_LUT8
0x0A23
R/W
[7:0]
0x21
Sigmoidal Function LUT Entry 8, 8-bit 2’s
complement
SCL_LUT9
0x0A24
R/W
[7:0]
0x28
Sigmoidal Function LUT Entry 9, 8-bit 2’s
complement
SCL_LUT10
0x0A25
R/W
[7:0]
0x2C
Sigmoidal Function LUT Entry 10, 8-bit 2’s
complement
SCL_LUT11
0x0A26
R/W
[7:0]
0x2C
Sigmoidal Function LUT Entry 11, 8-bit 2’s
complement
SCL_LUT12
0x0A27
R/W
[7:0]
0x28
Sigmoidal Function LUT Entry 12, 8-bit 2’s
complement
SCL_LUT13
0x0A28
R/W
[7:0]
0x21
Sigmoidal Function LUT Entry 13, 8-bit 2’s
complement
SCL_LUT14
0x0A29
R/W
[7:0]
0x17
Sigmoidal Function LUT Entry 14, 8-bit 2’s
complement
SCL_LUT15
0x0A2A
R/W
[7:0]
0x0C
Sigmoidal Function LUT Entry 15, 8-bit 2’s
complement
SCL_BGCOLOR_R
0x0A2B
R/W
[7:0]
0x0
Red Component of background color
SCL_BGCOLOR_G
0x0A2C
R/W
[7:0]
0x0
Green Component of background color
SCL_BGCOLOR_B
0x0A2D
R/W
[7:0]
0x0
Blue Component of background color
SCL_BCOLOR_CTRL
0x0A2E
R/W
[7]
0x0
0: Normal
1: Force image to background color
R/W
[6]
0x0
Top & Bottom Border Control
0: pixel replicating
1: background color blending
R/W
[5]
0x0
Left & Right Border Control:
0: pixel replicating
1: background color blending
R/W
[4]
0x0
Force output data as described in bit [1]
when the maximum output vertical is
reached.
R/W
[3]
0x0
Force output data as described in bit [1]
when an abnormal condition is detected by
the sync measurement module.
R/W
[2]
0x0
When the scaler is not running, force the
output data to black if this bit is 0 or to the
background color if the bit is 1.
R/W
[1]
0x0
If an abnormality is detected in the sync
measurement module or if the maximum
output vertical total has been reached,
force the output data to black if this bit is 0
or to white if this bit is 1.
R/W
[0]
0x0
During blanking, force output data to black
if this bit is 0 or to the background color if
this bit is 1.
Table 15: LCD Scaler Registers (Sheet 3 of 3)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com