Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 1 Page - STMicroelectronics

  ADE3700 Datasheet HTML 1Page - STMicroelectronics ADE3700 Datasheet HTML 2Page - STMicroelectronics ADE3700 Datasheet HTML 3Page - STMicroelectronics ADE3700 Datasheet HTML 4Page - STMicroelectronics ADE3700 Datasheet HTML 5Page - STMicroelectronics ADE3700 Datasheet HTML 6Page - STMicroelectronics ADE3700 Datasheet HTML 7Page - STMicroelectronics ADE3700 Datasheet HTML 8Page - STMicroelectronics ADE3700 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
TARGET SPECIFICATION
ADE3700
Analog LCD Display Engine for XGA and SXGA Resolutions
®
This is preliminary information on a new product forseen to be developed. Details are subject to change without notice.
October 2003
1/89
Feature Overview
s Programmable Context Sensitive™ Scaling
s High-quality Up-scaling and Down-scaling
s Integrated 9-bit ADC/PLL
s IQSync™ AutoSetup
s Integrated programmable Timing Controller
s Integrated Pattern Generator
s Perfect Picture™ Technology
s sRGB 3D Color Warp
s Integrated OSD
s Advanced EMI reduction features
s Framelock operation with Safety Mode™
s Serial I²C interface
s Low power 0.18 µm process technology
General Description
ADE3700 devices are a family of highly-integrated
display engine ICs, enabling the most advanced,
flexible, and cost-effective system-on-chip solutions
for analog-only input LCD display applications.
The ADE3700 covers the full range of XGA and
SXGA analog-only applications including Smart
Panel designs.
The ADE3700 family is pin-to-pin compatible and
comes in a low-cost, 128-pin LQFP package.
ADE3700 devices use the same software platform
and are backward-compatible with the previous
generation of ADE3xxx Scaling Engines.
LCD Scaler Product Selector
Product
Package
Output Format Support
Input Interface Support
Resolution
TCON
Analog
DVI
YUV
ADE3700X
128 LQFP
Up to XGA 75 Hz
Yes
ADE3700XT
128 LQFP
Up to XGA 75 Hz
Yes
Yes
ADE3700SX
128 LQFP
Up to SXGA 75 Hz
Yes
Line-Lock
PLL
Fast and accurate
• Phase
• Position
•Level
•Clock
sRGB 3D Color Warp
Temporal & Spatial
Dithering
Interlace
Analog
Video
LCD
Panel
Microcontroller
Firmware ROM
On-Screen
Display Engine
Pattern
Generator
Programmable Timing Controller (TCON)
EMI Reduction
• Per Pin Delay
• Slew Rate Control
• Spread Spectrum
• Data Inversion
ADE 3700
I²C
adjustments of:
IQ Scaling
™
RGB
Signals
Triple
9-bit
ADC
To TFT
Engine with
Context Sensitive
™
Filtering
Mode
Detection


Similar Part No. - ADE3700

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADE3000 STMICROELECTRONICS-ADE3000 Datasheet
513Kb / 88P
LCD Display Engines with Integrated DVI, ADC and YUV Ports
17-Jul-2003
ADE3000SX STMICROELECTRONICS-ADE3000SX Datasheet
513Kb / 88P
LCD Display Engines with Integrated DVI, ADC and YUV Ports
17-Jul-2003
ADE3000SXT STMICROELECTRONICS-ADE3000SXT Datasheet
513Kb / 88P
LCD Display Engines with Integrated DVI, ADC and YUV Ports
17-Jul-2003
ADE3000T STMICROELECTRONICS-ADE3000T Datasheet
513Kb / 88P
LCD Display Engines with Integrated DVI, ADC and YUV Ports
17-Jul-2003
logo
Panasonic Semiconductor
ADE303 PANASONIC-ADE303 Datasheet
76Kb / 4P
Compliant with European standards European standards power relays
More results

Similar Description - ADE3700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM2115 ETC-GM2115 Datasheet
1Mb / 54P
ANALOG INTER FACE XGA/SXGA ONPANEL LCD PANEL CONTROLLER
GM2120 ETC-GM2120 Datasheet
1Mb / 49P
XGA/SXGA LCD Monitor Controller with Intergrated Analog Interface
SD1200 ETC-SD1200 Datasheet
245Kb / 35P
Analog-Interface XGA/SXGA TFT LCD Display Controller
GM5110 ETC1-GM5110 Datasheet
1Mb / 51P
XGA/SXGA LCD Controller
SD1010A ETC1-SD1010A Datasheet
322Kb / 45P
Analog-Interface XGA TFT LCD Display Controller
logo
STMicroelectronics
ADE3800 STMICROELECTRONICS-ADE3800 Datasheet
41Kb / 3P
Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
Jul-2004
ADE3800 STMICROELECTRONICS-ADE3800_05 Datasheet
1Mb / 138P
Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
Apr-2005
logo
Advantech Co., Ltd.
FPM-5152G ADVANTECH-FPM-5152G Datasheet
364Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touchscreens, Display Port
logo
Axiomtek Co., Ltd.
P1177S-881 AXIOMTEK-P1177S-881 Datasheet
421Kb / 2P
17 SXGA TFT LCD display
P1197E-500 AXIOMTEK-P1197E-500 Datasheet
428Kb / 2P
19 SXGA TFT LCD display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com