Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 5 Page - STMicroelectronics

  ADE3700 Datasheet HTML 1Page - STMicroelectronics ADE3700 Datasheet HTML 2Page - STMicroelectronics ADE3700 Datasheet HTML 3Page - STMicroelectronics ADE3700 Datasheet HTML 4Page - STMicroelectronics ADE3700 Datasheet HTML 5Page - STMicroelectronics ADE3700 Datasheet HTML 6Page - STMicroelectronics ADE3700 Datasheet HTML 7Page - STMicroelectronics ADE3700 Datasheet HTML 8Page - STMicroelectronics ADE3700 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
5/89
ADE3700
1
General Information
The ADE3700 family of devices is capable of implementing all of the advanced features of today’s
LCD monitor products. For maximum flexibility, an external microcontroller (MCU) is used for
controlling the ADE3700 and other monitor functions.
The ADE3700 architecture unburdens the MCU from all data-intensive pixel manipulations,
providing an optimal blend of features and code customizing without incurring the cost of a 16-bit
processor or memory. The key interactions between the monitor MCU and the ADE3700 can be
broken down into the features shown in the table below.
Figure 1: ADE3700 Block Diagram
Table 1: ADE3700 Features (Sheet 1 of 2)
Feature
Description of ADE3700 Operation
Blocks Used
Pages
Power-up /
Initialize
When power is first applied, the ADE3700 is asynchronously reset from a pin.
The MCU typically programs the ADE3700 with a number of default values
and sets up the ADE3700 to identify activity on any of the input pins. All pre-
configured values and RAMs, such as DVI settings, line-lock PLL settings,
OSD characters, LCD timing values (output sequencer), scale kernels,
gamma curves, sRGB color warp, APC dithering, output pin configuration
(OMUX), etc. can be pre-loaded into the ADE3700. The typical end state is
that the ADE3700 is initialized into a low power mode, ready to turn active
once the power button is pressed.
GLBL
SMEAS
LLK
ADC
OSD
SCALER
GAMMA
SRGB
OUTSEQ
TCON
APC
OMUX
11
25
18
17
62
42
70
60
45
48
71
72
Activity Detect
When the monitor has been powered on, the inputs can be monitored for
active video sources. Based on the activity monitors, the MCU chooses an
input or power down state.
SMEAS
25
LCD
Timing Controller
FM
Freq. Synthesizer
LLKPLL
INCLK
SCLK
DOTCLK
Color
Management
OSD
GAMMA
LUT
DATA
CTRL
Analog
DMEAS
SMEAS
Pattern
Generator
SCLK
Frequency
Synthesizer
Scaler
Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com