Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ADE3700 Datasheet HTML 6Page - STMicroelectronics ADE3700 Datasheet HTML 7Page - STMicroelectronics ADE3700 Datasheet HTML 8Page - STMicroelectronics ADE3700 Datasheet HTML 9Page - STMicroelectronics ADE3700 Datasheet HTML 10Page - STMicroelectronics ADE3700 Datasheet HTML 11Page - STMicroelectronics ADE3700 Datasheet HTML 12Page - STMicroelectronics ADE3700 Datasheet HTML 13Page - STMicroelectronics ADE3700 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
Pin Descriptions
ADE3700
10/89
116
DGND
Power
Digital Ground
118
DGND
Power
Digital Ground
125
DGND
Power
Digital Ground
33
CSYNC
Input
Composite Sync Input - for Sync On Green
36
AVDD33
Power
Analog 3.3V VDD
43
AVDD33
Power
Analog 3.3V VDD
50
AVDD33
Power
Analog 3.3V VDD
57
AVDD33
Power
Analog 3.3V VDD
46
AVDD18
Power
Analog 1.8V VDD
53
AVDD18
Power
Analog 1.8V VDD
60
AVDD18
Power
Analog 1.8V VDD
37
AGND
Power
Analog Ground
39
AGND
Power
Analog Ground
45
AGND
Power
Analog Ground
52
AGND
Power
Analog Ground
59
AGND
Power
Analog Ground
61
AGND
Power
Analog Ground
38
ADVDD18
Power
1.8V VDD
Table 2: Pinout (Sheet 4 of 4)
LQFP128
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com