Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ADE3700 Datasheet HTML 72Page - STMicroelectronics ADE3700 Datasheet HTML 73Page - STMicroelectronics ADE3700 Datasheet HTML 74Page - STMicroelectronics ADE3700 Datasheet HTML 75Page - STMicroelectronics ADE3700 Datasheet HTML 76Page - STMicroelectronics ADE3700 Datasheet HTML 77Page - STMicroelectronics ADE3700 Datasheet HTML 78Page - STMicroelectronics ADE3700 Datasheet HTML 79Page - STMicroelectronics ADE3700 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
Output Multiplexer
ADE3700
76/89
eni = enab_in, hsi = hsync_in, vsi = vsync_in.
2.19.2 RSDS
In RSDS mode, clk and hsync outputs are the differential clock pair. All 48 data ports are combined
into neighboring pairs (e.g. orb0 and orb1 are differential pairs in RSDS mode). the lower index is
the positive sense differential output. TCON, data_enab and vsync outputs are unchanged.
data_enab and vsync can be used to output LVCMOS data inversion signals independent of RSDS
mode.
The following table indicates the pin, timing and data relationships in RSDS mode.
Table 29: Sync Mux Specification
enable data
OUT_MUX_CTRL0[0]
0
1
1
enable tcon
OUT_MUX_CTRL1[3]
0
0
1
ENAB_OUT
0
ENI
INV_A
HSYNC_OUT
0
HSI
TCI_GATED_CLK
VSYNC_OUT
0
VSI
INV_B
Table 30: TCON Mux Specification
enable tcon
OUT_MUX_CTRL1[3]
X
X
0
enable PWM
OUT_MUX_CTRL3[1]
0
1
1
PWM mux mode
OUT_MUX_CTRL3[2]
X
0
1
TCON_OUT7
TCI7
TCI7
TCI7
TCON_OUT6
TCI6
TCI6
TCI6
TCON_OUT5
TCI5
TCI5
TCI5
TCON_OUT4
TCI4
TCI4
TCI4
TCON_OUT3
TCI3
TCI3
TCI3
TCON_OUT2
TCI2
TCI2
TCI2
TCON_OUT1
TCI1
PWM_A
TCI1
TCON_OUT0
TCI0
PWM_B
TCI0
Table 31: RSDS Mode Specifications
RSDS Time
clk_o
hsync_o
o[r,g,b][a,b](2n)
o[r,g,b][a,b](2n+1)
t
0
1
bit from 2n
!bit from 2n
t+1
1
0
bit from 2n+1
!bit from 2n+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com