Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ADE3700 Datasheet HTML 37Page - STMicroelectronics ADE3700 Datasheet HTML 38Page - STMicroelectronics ADE3700 Datasheet HTML 39Page - STMicroelectronics ADE3700 Datasheet HTML 40Page - STMicroelectronics ADE3700 Datasheet HTML 41Page - STMicroelectronics ADE3700 Datasheet HTML 42Page - STMicroelectronics ADE3700 Datasheet HTML 43Page - STMicroelectronics ADE3700 Datasheet HTML 44Page - STMicroelectronics ADE3700 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 89 page
background image
41/89
ADE3700
Data Measurement (DMEAS)
DMEAS_MODE_CTRL
0x0901
R/W
[7]
0x0
Reset the DE mismatch flag
R/W
[6]
0x0
DE_freeze enable
R/W
[5]
0x0
DE_one shot mode enable
R/W
[4]
0x0
0: Listen to odd frame only
1: Listen to even frame only
R/W
[3]
0x0
Threshold Mode Bit
R/W
[1]
0x0
Polling Bit
R/W
[0]
0x0
Data Measurement Start
DMEAS_THRESHOLD
0x0902
R/W
[7:0]
0x0
Threshold value for selected algorithm
DMEAS_WIN_MIN_X_L
0x0903
R/W
[7:0]
0x0
Min. X window [7:0] (bits[3:0] read back ‘0’.
DMEAS_WIN_MIN_X_H
0x0904
[7:4]
Reserved
R/W
[3:0]
Min. X window [11:8] (relative to hsync)
DMEAS_WIN_MAX_X_L
0x0905
R/W
[7:0]
0xFFF
Max. X window [7:0] (bits[3:0] read back ‘0’.
DMEAS_WIN_MAX_X_H
0x0906
[7:4]
Reserved
R/W
[3:0]
Max. X window [11:8]
Relative to hsync, must be less than input
horizontal total (LLK_LINELEN for analog
input).
DMEAS_WIN_MIN_Y_L
0x0907
R/W
[7:0]
0x0
Min. Y window [7:0] (bits[3:0] read back ‘0’.
DMEAS_WIN_MIN_Y_H
0x0908
[7:4]
Reserved
R/W
[3:0]
Min. Y window [11:8] (relative to vsync)
DMEAS_WIN_MAX_Y_L
0x0909
R/W
[7:0]
0xFFF
Max. Y window [7:0] (bits[3:0] read back ‘0’.
DMEAS_WIN_MAX_Y_H
0x090A
[7:4]
Reserved
R/W
[3:0]
Max. Y window [11:8] (relative to vsync)
DMEAS_DE_REF_L
0x090B
R/W
[7:0]
0x0
DE_size expected result [7:0]
DMEAS_DE_REF_L
0x090C
R/W
[7:0]
0x0
DE_size expected result [15:8]
DMEAS_DE_TOL
0x090D
R/W
[7:0]
0x0
DE_tolerance value
DMEAS_DATA_0
0x090E
R
[7:0]
0x0
For details, refer to Table 13.
DMEAS_DATA_1
0x090F
R
[7:0]
0x0
DMEAS_DATA_2
0x0910
R
[7:0]
0x0
DMEAS_DATA_3
0x0911
R
[7:0]
0x0
DMEAS_DATA_4
0x0912
R
[7:0]
0x0
DMEAS_DATA_5
0x0913
R
[7:0]
0x0
DMEAS_DATA_6
0x0914
R
[7:0]
0x0
DMEAS_DATA_7
0x0915
R
[7:0]
0x0
Table 14: Data Measurement Registers (Sheet 2 of 3)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com