Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ADE3700 Datasheet HTML 23Page - STMicroelectronics ADE3700 Datasheet HTML 24Page - STMicroelectronics ADE3700 Datasheet HTML 25Page - STMicroelectronics ADE3700 Datasheet HTML 26Page - STMicroelectronics ADE3700 Datasheet HTML 27Page - STMicroelectronics ADE3700 Datasheet HTML 28Page - STMicroelectronics ADE3700 Datasheet HTML 29Page - STMicroelectronics ADE3700 Datasheet HTML 30Page - STMicroelectronics ADE3700 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 89 page
background image
27/89
ADE3700
Sync Measurement
SMEAS_V_CTRL
0x0112
[7:5]
Reserved
R/W
[4]
0x0
Enable Vertical Measurement in Free-
running mode
R/W
[3]
0x0
Vertical Event Edge Select
0: positive edge
1: negative edge
R/W
[2]
0x0
Freeze vertical measurement results during
free-running mode. No meaning in one shot
mode.
0: Do not freeze the results. New result will
be available on the next and subsequent
toggle of the polling bit.
1: Freeze the current results in free-running
mode. The polling bit will still toggle and the
block continues to free run; however, results
will not be updated.
R/W
[1]
0x0
Vertical Measurement Start
In one-shot mode setting this bit triggers the
start of a measurement. The bit is reset to
zero when the measurement is complete.
R/W
[0]
0x0
Vertical Measurement Mode
0: free-running
1: one shot
SMEAS_H_SEL
0x0113
[7:4]
Reserved
R/W
[3:0]
0x0
Select a horizontal sync, enable or clock for
measurement.
0x0: Analog hsync
0x1: Hsync generated from LLPLL
0x2: SOG from csync pin
0X3: NC
0X4: NC
0X5: NC
0X6: NC
0X7: NC
0X8: NC
0x9: TCON hsync
0xA: TCON data enable
0xB: INCLK div1k
0xC: DOTCLK div1k
0xD-0xF: Reserved
Table 9: Sync Measurement (Sheet 3 of 8)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com