Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ADE3700 Datasheet HTML 5Page - STMicroelectronics ADE3700 Datasheet HTML 6Page - STMicroelectronics ADE3700 Datasheet HTML 7Page - STMicroelectronics ADE3700 Datasheet HTML 8Page - STMicroelectronics ADE3700 Datasheet HTML 9Page - STMicroelectronics ADE3700 Datasheet HTML 10Page - STMicroelectronics ADE3700 Datasheet HTML 11Page - STMicroelectronics ADE3700 Datasheet HTML 12Page - STMicroelectronics ADE3700 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
9/89
ADE3700
Pin Descriptions
108
OBB3
Input/Output
Output Port B: Blue Data 3
109
OBB2
Input/Output
Output Port B: Blue Data 2
110
OBB1
Input/Output
Output Port B: Blue Data 1
111
OBB0
Input/Output
Output Port B: Blue Data 0
66
OBA7
Output
Output Port A: Blue Data 7
67
OBA6
Output
Output Port A: Blue Data 6
68
OBA5
Output
Output Port A: Blue Data 5
69
OBA4
Output
Output Port A: Blue Data 4
70
OBA3
Output
Output Port A: Blue Data 3
71
OBA2
Output
Output Port A: Blue Data 2
72
OBA1
Output
Output Port A: Blue Data 1
73
OBA0
Output
Output Port A: Blue Data 0
56
INR
Input
Analog Video Port: Red Channel input
49
ING
Input
Analog Video Port: Green Channel input
42
INB
Input
Analog Video Port: Blue Channel input
35
HSYNC
Input
Horizontal (or Composite) Sync Input
7
DVDD33
Power
Digital 3.3V VDD
64
DVDD33
Power
Digital 3.3V VDD
80
DVDD33
Power
Digital 3.3V VDD
91
DVDD33
Power
Digital 3.3V VDD
106
DVDD33
Power
Digital 3.3V VDD
119
DVDD33
Power
Digital 3.3V VDD
23
DVDD18
Power
Digital 1.8V VDD
62
DVDD18
Power
Digital 1.8V VDD
84
DVDD18
Power
Digital 1.8V VDD
93
DVDD18
Power
Digital 1.8V VDD
117
DVDD18
Power
Digital 1.8V VDD
124
DVDD18
Power
Digital 1.8V VDD
6
DGND
Power
Digital Ground
22
DGND
Power
Digital Ground
24
DGND
Power
Digital Ground
63
DGND
Power
Digital Ground
81
DGND
Power
Digital Ground
85
DGND
Power
Digital Ground
92
DGND
Power
Digital Ground
94
DGND
Power
Digital Ground
107
DGND
Power
Digital Ground
Table 2: Pinout (Sheet 3 of 4)
LQFP128
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com