Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ADE3700 Datasheet HTML 11Page - STMicroelectronics ADE3700 Datasheet HTML 12Page - STMicroelectronics ADE3700 Datasheet HTML 13Page - STMicroelectronics ADE3700 Datasheet HTML 14Page - STMicroelectronics ADE3700 Datasheet HTML 15Page - STMicroelectronics ADE3700 Datasheet HTML 16Page - STMicroelectronics ADE3700 Datasheet HTML 17Page - STMicroelectronics ADE3700 Datasheet HTML 18Page - STMicroelectronics ADE3700 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 89 page
background image
15/89
ADE3700
Global Control
GLBL_SCLK_MD_SD
0x000A
R/W
[7:3]
0x0
SCLK frequency synthesizer MD, range is
[16,31]
R/W
[2:0]
0x0
SCLK frequency synthesizer SDIV, range is
[0,7]
GLBL_SCLK_PE_L
0x000B
R/W
[7:0]
0x0
SCLK frequency synthesizer PE, range is
[0, 32767]
GLBL_SCLK_PE_H
0x000C
R/W
[7:0]
GLBL_TST_CTRL
0x000D
[7:1]
0x0
Reserved
R/W
[0]
0x0
functional test mode enable
GLBL_COMP_PAD_CTRL
0x000E
[7:2]
0x0
Reserved
R/W
[1]
0x0
Compensation pad TQ (test mode)
R/W
[0]
0x1
Compensation pad EN (enable)
GLBL_SCLK_CTRL
0x0010
[7:5]
0x0
Reserved
R/W
[4]
0x0
invert SCLK
[3]
0x0
Reserved
R/W
[2:0]
0x0
SCLK source select
0x0: TESTCLK pin
0x1: SCLK freq synth
0x2: FM freq synth (normal)
0x3: INCLK source
0x4: CLKIN pin
0x5: crystal clock
0x6: 0
0x7: Reserved
GLBL_BPAD_EN
0x0011
R/W
[3:0]
0x0
For each bit n (0 to 3) in the LS nibble,
0: TCON[n] pin is TCON output
1: TCON[n] pin is input for testing
R/W
[4]
0x0
Port B input mode enable (production test
only)
GLBL_IK_SRST
0x0020
R/W
[7]
0x0
Reserved
R/W
[6]
0x0
DFT block reset synchronous to INCLK
R/W
[5]
0x0
ADC block reset synchronous to INCLK
R/W
[4]
0x0
SCALER block reset synchronous to
INCLK
R/W
[3]
0x0
Reserved
R/W
[2]
0x0
Reserved
R/W
[1]
0x0
DMEAS block reset synchronous to INCLK
R/W
[0]
0x0
SMUX block reset synchronous to INCLK
GLBL_SHADOW_EN
0x0021
[7:1]
0x0
Reserved
R/W
[0]
0x0
Shadow registers sync on frame boundary
Table 4: Global Registers (Sheet 3 of 4)
Register Name
Addr.
mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com