Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ADE3700 Datasheet HTML 12Page - STMicroelectronics ADE3700 Datasheet HTML 13Page - STMicroelectronics ADE3700 Datasheet HTML 14Page - STMicroelectronics ADE3700 Datasheet HTML 15Page - STMicroelectronics ADE3700 Datasheet HTML 16Page - STMicroelectronics ADE3700 Datasheet HTML 17Page - STMicroelectronics ADE3700 Datasheet HTML 18Page - STMicroelectronics ADE3700 Datasheet HTML 19Page - STMicroelectronics ADE3700 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 89 page
background image
FM Frequency Synthesizer
ADE3700
16/89
2.2
FM Frequency Synthesizer
The FM Frequency Synthesizer can create a clock up to eight times the crystal input clock using a
digital frequency synthesizer. The modulation period and amplitude are directly controlled by I2C
registers. The I2C interface runs in the LLK_CTRL clock domain, which must be active for access.
The relationship of the output frequency (fOUT) to the 32-bit phase_rate value and the crystal
frequency (fXCLK) is:
fOUT = fXCLK * 2
27+NDIV / phase_rate
where fOUT and fXCLK are in MHz.
The maximum output frequency of the FM frequency synthesizer is fXTAL x 2
(2+NDIV).
Note that native duty cycle of the FM frequency synthesizer is not 50/50, so it is recommended to
either enable the divide-by-two in the fm synthesizer block for frequencies up to fXCLK x 2
(1+NDIV)
(typically 108 MHz) or set the output mux to a double wide output mode for pixel clocks above
fXCLK x2
(1+NDIV). This will ensure a 50% duty clock on the output.
GLBL_INCLK_GATE_CTRL
0x0022
[7:3]
0x0
Reserved
R/W
[2]
0x1
Enable DFT clock
R/W
[1]
0x1
Enable DMEAS clock
R/W
[0]
0x1
Enable INCLK to I2C registers
GLBL_DK_SRST
0x0040
[7]
0x0
Reserved
R/W
[6]
0x0
PGEN block reset synchronous to
DOTCLK
R/W
[5]
0x0
OMUX block reset synchronous to
DOTCLK
R/W
[4]
0x0
APC block reset synchronous to DOTCLK
R/W
[3]
0x0
OSD block reset synchronous to DOTCLK
R/W
[2]
0x0
GAMMA block reset synchronous to
DOTCLK
R/W
[1]
0x0
OSQ block reset synchronous to DOTCLK
R/W
[0]
0x0
SCALE block reset synchronous to
DOTCLK
GLBL_OSD_POWER_CTRL
0x0041
[7:1]
0x0
Reserved
R/W
[0]
0x0
OSD bypass (when clock disabled)
GLBL_DOTCLK_GATE_CTRL
0x0042
[7:5]
0x0
Reserved
R/W
[4]
0x1
Enable FLK clock
R/W
[3]
0x1
Enable TCON clock
R/W
[2]
0x1
Enable OSD clock
R/W
[1]
0x1
Enable PGEN clock
R/W
[0]
0x1
Enable DOTCLK to I2C registers
Table 4: Global Registers (Sheet 4 of 4)
Register Name
Addr.
mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com