Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ADE3700 Datasheet HTML 4Page - STMicroelectronics ADE3700 Datasheet HTML 5Page - STMicroelectronics ADE3700 Datasheet HTML 6Page - STMicroelectronics ADE3700 Datasheet HTML 7Page - STMicroelectronics ADE3700 Datasheet HTML 8Page - STMicroelectronics ADE3700 Datasheet HTML 9Page - STMicroelectronics ADE3700 Datasheet HTML 10Page - STMicroelectronics ADE3700 Datasheet HTML 11Page - STMicroelectronics ADE3700 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
Pin Descriptions
ADE3700
8/89
128
ORB5
Input/Output
Output Port B: Red Data 5
1
ORB4
Input/Output
Output Port B: Red Data 4
2
ORB3
Input/Output
Output Port B: Red Data 3
3
ORB2
Input/Output
Output Port B: Red Data 2
4
ORB1
Input/Output
Output Port B: Red Data 1
5
ORB0
Input/Output
Output Port B: Red Data 0
86
ORA7
Output
Output Port A: Red Data 7
87
ORA6
Output
Output Port A: Red Data 6
88
ORA5
Output
Output Port A: Red Data 5
89
ORA4
Output
Output Port A: Red Data 4
90
ORA3
Output
Output Port A: Red Data 3
95
ORA2
Output
Output Port A: Red Data 2
96
ORA1
Output
Output Port A: Red Data 1
97
ORA0
Output
Output Port A: Red Data 0
103
AHS
Output
Alternate Horizontal Sync
112
OGB7
Input/Output
Output Port B: Green Data 7
113
OGB6
Input/Output
Output Port B: Green Data 6
114
OGB5
Input/Output
Output Port B: Green Data 5
115
OGB4
Input/Output
Output Port B: Green Data 4
120
OGB3
Input/Output
Output Port B: Green Data 3
121
OGB2
Input/Output
Output Port B: Green Data 2
122
OGB1
Input/Output
Output Port B: Green Data 1
123
OGB0
Input/Output
Output Port B: Green Data 0
74
OGA7
Output
Output Port A: Green Data 7
75
OGA6
Output
Output Port A: Green Data 6
76
OGA5
Output
Output Port A: Green Data 5
77
OGA4
Output
Output Port A: Green Data 4
78
OGA3
Output
Output Port A: Green Data 3
79
OGA2
Output
Output Port A: Green Data 2
82
OGA1
Output
Output Port A: Green Data 1
83
OGA0
Output
Output Port A: Green Data 0
102
ADE
Output
Alternate Data Enable
104
OCLK
Output
Output Clock
98
OBB7
Input/Output
Output Port B: Blue Data 7
99
OBB6
Input/Output
Output Port B: Blue Data 6
100
OBB5
Input/Output
Output Port B: Blue Data 5
101
OBB4
Input/Output
Output Port B: Blue Data 4
Table 2: Pinout (Sheet 2 of 4)
LQFP128
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com