Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ADE3700
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ADE3700 Datasheet HTML 30Page - STMicroelectronics ADE3700 Datasheet HTML 31Page - STMicroelectronics ADE3700 Datasheet HTML 32Page - STMicroelectronics ADE3700 Datasheet HTML 33Page - STMicroelectronics ADE3700 Datasheet HTML 34Page - STMicroelectronics ADE3700 Datasheet HTML 35Page - STMicroelectronics ADE3700 Datasheet HTML 36Page - STMicroelectronics ADE3700 Datasheet HTML 37Page - STMicroelectronics ADE3700 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 89 page
background image
Sync Multiplexer (SMUX)
ADE3700
34/89
When hsync and/or vsync is generated (e.g. when enab is the only input), the relative position of the
generated pulse can be set either before or after the reference edge between -128 and +127 pixels
per line.
2.7.2
Example
ADC input using line lock clock:
omux_ctrl0 = 0x09
// select llk hsync and vsync
omux_ctrl1 = 0x0F
// choose incoming hsync and vsync as references, choose rising edges
omux_ctrl2 = 0x0C
// select the original hsyncs and vsyncs, along with the generated
// enab and valid signals
henab_set = hsync_width + hback_porch
henab_rst = hsync_width + hback_porch + in_hpixel
venab_set = vsync_width + vback_porch
venab_rst = vsync_width + vback_porch + in_vpixel
clamp_set = hsync_width + hback_porch + in_hpixel + 4 // clamp is turned on 4 after last pixel
clamp_rst = hsync_width + hback_porch -4 // clamp is turned off 4 pixels before the 1st pixel
Table 11: Sync Multiplexer Registers (Sheet 1 of 4)
Register Name
Addr
Mode
Bits
Default
Description
SMUX_CTRL0
0x0200
[7:6]
0x0
Reserved
R/W
[5:3]
0x0
Vsync_internal select
0x0 = Reserved
0x1 = llk/VGA vsync
0x2 = Reserved
0x3 = composite sync decoder
0x4 = Reserved
R/W
[2:0]
0x0
Hsync_internal select
0x0 = Reserved
0x1 = llk synthesized hsync
0x2 = Reserved
0x3 = raw VGA hsync (jitter)
0x4 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com