Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320DM355 Datasheet HTML 1Page - Texas Instruments TMS320DM355 Datasheet HTML 2Page - Texas Instruments TMS320DM355 Datasheet HTML 3Page - Texas Instruments TMS320DM355 Datasheet HTML 4Page - Texas Instruments TMS320DM355 Datasheet HTML 5Page - Texas Instruments TMS320DM355 Datasheet HTML 6Page - Texas Instruments TMS320DM355 Datasheet HTML 7Page - Texas Instruments TMS320DM355 Datasheet HTML 8Page - Texas Instruments TMS320DM355 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
With 256 MByte Address Space (1.8-V I/O)
– S/PDIF via Software
– Asynchronous16-/8-bit Wide EMIF (AEMIF)
– Standard Voice Codec Interface (AIC12)
•
Flash Memory Interfaces
– SPI Protocol (Master Mode Only)
–
NAND (8-/16-bit Wide Data)
• Four Pulse Width Modulator (PWM) Outputs
–
OneNAND(16-bit Wide Data)
• Four RTO (Real Time Out) Outputs
• Flash Card Interfaces
• Up to 104 General-Purpose I/O (GPIO) Pins
(Multiplexed with Other Device Functions)
– Two Multimedia Card (MMC) / Secure Digital
(SD/SDIO)
• On-Chip ARM ROM Bootloader (RBL) to Boot
From NAND Flash (with SPI EEPROM Boot
– SmartMedia
option), MMC/SD, or UART
• Enhanced Direct-Memory-Access (EDMA)
• Configurable Power-Saving Modes
Controller (64 Independent Channels)
• Crystal or External Clock Input (typically
• USB Port with Integrated 2.0 High-Speed PHY
24 MHz or 36 MHz)
that Supports
• Flexible PLL Clock Generators
– USB 2.0 Full and High-Speed Device
• Debug Interface Support
– USB 2.0 Low, Full, and High-Speed Host
– IEEE-1149.1 (JTAG)
• Three 64-Bit General-Purpose Timers (each
Boundary-Scan-Compatible
configurable as two 32-bit timers)
– ETB™ (Embedded Trace Buffer™) with
• One 64-Bit Watch Dog Timer
4K-Bytes Trace Buffer memory
• Three UARTs (One fast UART with RTS and
– Device Revision ID Readable by ARM
CTS Flow Control)
• 337-Pin Ball Grid Array (BGA) Package
• Three Serial Port Interfaces (SPI) each with two
(ZCE Suffix), 0.65-mm Ball Pitch
Chip-Selects
• 90nm Process Technology
• One Master/Slave Inter-Integrated Circuit (I2C)
Bus®
• 3.3-V and 1.8-V I/O, 1.3-V Internal
• Two Audio Serial Port (ASP)
• Community Resources
– I2S and TDM I2S
– TI E2E Community
– AC97 Audio Codec Interface
– TI Embedded Processors Wiki
2
TMS320DM355 Digital Media System-on-Chip (DMSoC)
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com