Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 2Page - Texas Instruments TMS320DM355 Datasheet HTML 3Page - Texas Instruments TMS320DM355 Datasheet HTML 4Page - Texas Instruments TMS320DM355 Datasheet HTML 5Page - Texas Instruments TMS320DM355 Datasheet HTML 6Page - Texas Instruments TMS320DM355 Datasheet HTML 7Page - Texas Instruments TMS320DM355 Datasheet HTML 8Page - Texas Instruments TMS320DM355 Datasheet HTML 9Page - Texas Instruments TMS320DM355 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
1
TMS320DM355 Digital Media System-on-Chip
3.8
System Control Module
............................. 82
(DMSoC)
................................................... 1
3.9
Pin Multiplexing
..................................... 83
1.1
Features
.............................................. 1
3.10
Device Reset
....................................... 84
1.2
Description
........................................... 3
3.11
Default Device Configurations
...................... 85
1.3
Functional Block Diagram
............................ 5
3.12
Device Boot Modes
................................. 89
Revision History
.............................................. 7
3.13
Power Management
................................ 94
2
Device Overview
........................................ 8
3.14
64-Bit Crossbar Architecture
....................... 95
2.1
Device Characteristics
............................... 8
3.15
MPEG4/JPEG Overview
............................ 98
4
Device Operating Conditions
....................... 99
2.2
Memory Map Summary
.............................. 9
4.1
Absolute Maximum Ratings Over Operating Case
2.3
Pin Assignments
.................................... 11
Temperature Range
2.4
Pin Functions
....................................... 15
(Unless Otherwise Noted)
................................. 99
2.5
Image Data Output - Video Processing Back End
4.2
Recommended Operating Conditions
............. 100
(VPBE)
.............................................. 17
4.3
Electrical Characteristics Over Recommended
2.6
Asynchronous External Memory Interface (AEMIF)
Ranges of Supply Voltage and Operating Case
...................................................... 20
Temperature (Unless Otherwise Noted)
.......... 101
2.7
DDR Memory Interface
............................. 22
5
DM355 Peripheral Information and Electrical
Specifications
......................................... 102
2.8
GPIO
................................................ 24
5.1
Parameter Information Device-Specific Information
2.9
Multi-Media Card/Secure Digital (MMC/SD)
..................................................... 102
Interfaces
........................................... 29
5.2
Recommended Clock and Control Signal Transition
2.10
Universal Serial Bus (USB) Interface
............... 30
Behavior
........................................... 103
2.11
Audio Interfaces
.................................... 31
5.3
Power Supplies
.................................... 103
2.12
UART Interface
..................................... 32
5.4
Reset
.............................................. 105
2.13
I2C Interface
........................................ 33
5.5
Oscillators and Clocks
............................ 106
5.6
General-Purpose Input/Output (GPIO)
............ 111
2.14
Serial Interface
..................................... 33
5.7
External Memory Interface (EMIF)
................ 113
2.15
Clock Interface
...................................... 34
5.8
MMC/SD
........................................... 120
2.16
Real Time Output (RTO) Interface
................. 35
5.9
Video Processing Sub-System (VPSS) Overview
2.17
Pulse Width Modulator (PWM) Interface
........... 35
..................................................... 122
5.10
USB 2.0
........................................... 134
2.18
System Configuration Interface
..................... 36
5.11
Universal Asynchronous Receiver/Transmitter
2.19
Emulation
........................................... 37
(UART)
............................................ 136
2.20
Pin List
.............................................. 38
5.12
Serial Port Interface (SPI)
......................... 138
2.21
Device Support
..................................... 57
5.13
Inter-Integrated Circuit (I2C)
...................... 141
3
Detailed Device Description
......................... 61
5.14
Audio Serial Port (ASP)
........................... 144
3.1
ARM Subsystem Overview
......................... 61
5.15
Timer
.............................................. 152
3.2
ARM926EJ-S RISC CPU
........................... 62
5.16
Pulse Width Modulator (PWM)
.................... 153
3.3
Memory Mapping
................................... 64
5.17
Real Time Out (RTO)
............................. 155
3.4
ARM Interrupt Controller (AINTC)
.................. 65
5.18
IEEE 1149.1 JTAG
................................ 156
3.5
Device Clocking
.................................... 67
6
Mechanical Data
...................................... 159
3.6
PLL Controller (PLLC)
.............................. 78
6.1
Thermal Data for ZCE
............................. 159
3.7
Power and Sleep Controller (PSC)
................. 82
6.2
Packaging Information
............................ 159
6
Contents
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com