Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320DM355 Datasheet HTML 1Page - Texas Instruments TMS320DM355 Datasheet HTML 2Page - Texas Instruments TMS320DM355 Datasheet HTML 3Page - Texas Instruments TMS320DM355 Datasheet HTML 4Page - Texas Instruments TMS320DM355 Datasheet HTML 5Page - Texas Instruments TMS320DM355 Datasheet HTML 6Page - Texas Instruments TMS320DM355 Datasheet HTML 7Page - Texas Instruments TMS320DM355 Datasheet HTML 8Page - Texas Instruments TMS320DM355 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 163 page
background image
Peripherals
64bitDMA/DataBus
JTAG
24MHz
or36MHz
27MHz
(optional)
CCD/
CMOS
Module
DDR2/mDDR16
CLOCK
PLL
CLOCKctrl
PLLs
JTA
JTAG
I/F
Clocks
ARM
z )
ARM926EJ-S_Z8
I-
cach
e
16 K
B
l-cache
16KB
B
RA
M
32 K
B
RAM
32KB
B
D-
cach
e
8 K
D-cache
8KB
RO
M
8 K
ROM
8KB
CCD
C
3A
H3A
DMA
/ Dataandconfigurationbus
DMA/Dataandconfigurationbus
DDR
MH
z )
DDR
controller
DL
DLL/
PHY
16bit
32bitConfigurationBus
CCDC
IPIPE
VPBE
Vide
o
Encod
er
Video
Encoder
10b
DAC
OS
D
OSD
ARM
ARMINTC
Enhanced
channels
3 PCC /TC
(100 MHz
EnhancedDMA
64channels
Compositevideo
DigitalRGB/YUV
Nand /
Nand/SM/
Async/OneNand
(AEMIF)
USB 2.0
USB2.0PHY
Speaker
microphone
ASP (2x)
VPSS
MMC/SD(x2)
SPII/F(x3)
UART (x3)
I2C
Timer/
WDT (x4-64)
GIO
PWM(x4)
RTO
VPFE
Enhanced
channels
3 PCC /TC
(100 MHz
MPEG4/JPEG
Coprocessor
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
1.3
Functional Block Diagram
Figure 1-1 shows the functional block diagram of the DM355 device.
Figure 1-1. Functional Block Diagram
Copyright © 2007–2010, Texas Instruments Incorporated
TMS320DM355 Digital Media System-on-Chip (DMSoC)
5
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com