Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 27Page - Texas Instruments TMS320DM355 Datasheet HTML 28Page - Texas Instruments TMS320DM355 Datasheet HTML 29Page - Texas Instruments TMS320DM355 Datasheet HTML 30Page - Texas Instruments TMS320DM355 Datasheet HTML 31Page - Texas Instruments TMS320DM355 Datasheet HTML 32Page - Texas Instruments TMS320DM355 Datasheet HTML 33Page - Texas Instruments TMS320DM355 Datasheet HTML 34Page - Texas Instruments TMS320DM355 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Table 2-13. USB Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
USB operating mode identification pin
For Device mode operation only, pull up this pin to VDD with a 1.5K ohm resistor.
For Host mode operation only, pull down this pin to ground (VSS) with a 1.5K ohm
USB_ID
D5
A I/O/Z
VDDA33_USB
resistor.
If using an OTG or mini-USB connector, this pin will be set properly via the
cable/connector configuration.
When USB is not used, this signal should be connected to VSS_USB.
For host or device mode operation, tie the VBUS/USB power signal to the USB
connector.
USB_VBUS
E5
A I/O/Z
VDD
When used in OTG mode operation, tie VBUS to the external charge pump and
to the VBUS signal on the USB connector.
When the USB is not used, tie VBUS to VSS_USB.
Digital output to control external 5 V supply
USB_DRVVBUS
C5
O/Z
VDD
When USB is not used, this signal should be left as a No Connect.
USB Ground Reference
VSS_USB_REF
C8
GND
VDD
Connect directly to ground and to USB_R1 via 10K ohm, 1% resistor placed as
close to the device as possible.
Analog 3.3 V power USBPHY
VDDA33_USB
J8
PWR
VDD
When USB is not used, this signal should be connected to VSS_USB.
Common mode 3.3 V power for USB PHY (PLL)
VDDA33_USB_PLL
B6
PWR
VDD
When USB is not used, this signal should be connected to VSS_USB.
Analog 1.3 V power for USB PHY
VDDA13_USB
H7
PWR
VDD
When USB is not used, this signal should be connected to VSS_USB.
Digital 1.3 V power for USB PHY
VDDD13_USB
C6
PWR
VDD
When USB is not used, this signal should be connected to VSS_USB.
2.11 Audio Interfaces
The DM355 includes two Audio Serial Ports (ASP ports), which are backward compatible with other TI
ASP serial ports and provide I2S audio interface. One interface is multiplexed with GIO signals.
Table 2-14. ASP Terminal Functions
TERMINAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
ASP0_CL
ASP0: Receive Clock
KR/
F17
I/O/Z
VDD
GIO: GIO[026]
GIO026
ASP0_CL
ASP0: Transmit Clock
KX /
F18
I/O/Z
VDD
GIO: GIO[029]
GIO029
ASP0_DR
ASP0: Receive Data
/
E18
I/O/Z
VDD
GIO: GIO[027]
GIO027
ASP0_DX
ASP0: Transmit Data
/
H15
I/O/Z
VDD
GIO: GIO[030]
GIO030
ASP0_FS
ASP0: Receive Frame Synch
R /
F16
I/O/Z
VDD
GIO: GIO[025]
GIO025
ASP0_FS
X /
G17
I/O/Z
VDD
ASP0: Transmit Frame SynchGIO: GIO[028]
GIO028
ASP1_CL
D18
I/O/Z
VDD
ASP1: Receive Clock
KR
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3 , Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
Copyright © 2007–2010, Texas Instruments Incorporated
Device Overview
31
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com