Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 43Page - Texas Instruments TMS320DM355 Datasheet HTML 44Page - Texas Instruments TMS320DM355 Datasheet HTML 45Page - Texas Instruments TMS320DM355 Datasheet HTML 46Page - Texas Instruments TMS320DM355 Datasheet HTML 47Page - Texas Instruments TMS320DM355 Datasheet HTML 48Page - Texas Instruments TMS320DM355 Datasheet HTML 49Page - Texas Instruments TMS320DM355 Datasheet HTML 50Page - Texas Instruments TMS320DM355 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Table 2-23. DM355 Pin Descriptions (continued)
Name
BGA
Type Group
Power
PU
Reset
Description(4)
Mux Control
ID
(1)
Supply(2)
PD(3)
State
EM_A01
N17
I/O
AEMI
VDD
out L
Async EMIF: Address Bus bit[01]
F
NAND/SM/xD: ALE - Address Latch Enable
output
EM_A00 /
M16
I/O
AEMI
VDD
out L
Async EMIF: Address Bus bit[00] Note that
PINMUX2[1].EM_A0
GIO056
F /
the EM_A0 is always a 32-bit address
_BA1,
GIO
GIO: GIO[056]
default set by
AECFG[0]
EM_BA1 /
P19
I/O
AEMI
VDD
out H
Async EMIF: Bank Address 1 signal = 16-bit
PINMUX2[1].EM_A0
GIO055
F /
address.
_BA1,
GIO
In 16-bit mode, lowest address bit.
default set by
AECFG[0]
In 8-bit mode, second lowest address bit
GIO: GIO[055]
EM_BA0 /
N19
I/O
AEMI
VDD
out H
Async EMIF: Bank Address 0 signal = 8-bit
PINMUX2[3:2].EM_
GIO054 /
F /
address.
BA0,
EM_A14
GIO
In 8-bit mode, lowest address bit.
default set by
AECFG[2:1]
Or, can be used as an extra Address line
(bit[14] when using 16-bit memories.
GIO: GIO[054]
EM_D15 /
M18
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[15]
PINMUX2[4].EM_D1
GIO053
F /
5_8,
GIO
GIO: GIO[053]
default set by
AECFG[3]
EM_D14 /
M19
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[14]
PINMUX2[4].EM_D1
GIO052
F /
5_8,
GIO
GIO: GIO[052]
default set by
AECFG[3]
EM_D13 /
M15
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[13]
PINMUX2[4].EM_D1
GIO051
F /
5_8,
GIO
GIO: GIO[051]
default set by
AECFG[3]
EM_D12 /
L18
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[12]
PINMUX2[4].EM_D1
GIO050
F /
5_8,
GIO
GIO: GIO[050]
default set by
AECFG[3]
EM_D11 /
L17
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[11]
PINMUX2[4].EM_D1
GIO049
F /
5_8,
GIO
GIO: GIO[049]
default set by
AECFG[3]
EM_D10 /
L19
I/O
AEMI
VDD
in
Async EMIF: Data Bus bit[10]
PINMUX2[4].EM_D1
GIO048
F /
5_8,
GIO
GIO: GIO[048]
default set by
AECFG[3]
Copyright © 2007–2010, Texas Instruments Incorporated
Device Overview
47
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com