Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 80Page - Texas Instruments TMS320DM355 Datasheet HTML 81Page - Texas Instruments TMS320DM355 Datasheet HTML 82Page - Texas Instruments TMS320DM355 Datasheet HTML 83Page - Texas Instruments TMS320DM355 Datasheet HTML 84Page - Texas Instruments TMS320DM355 Datasheet HTML 85Page - Texas Instruments TMS320DM355 Datasheet HTML 86Page - Texas Instruments TMS320DM355 Datasheet HTML 87Page - Texas Instruments TMS320DM355 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Table 3-19. AECFG (Async EMIF Configuration) Pin Mux Coding
1101(NAND)
1100
1010
1000 (8-bit SRAM)
0010 (16-bit SRAM,
0000
OneNAND)
GPIO[54]
GPIO[54]
EM_A[14]
EM_BA[0]
EM_A[14]
EM_BA[0]
GPIO[55]
EM_BA[1]
EM_BA[1]
EM_BA[1]
EM_BA[1]
EM_BA[1]
GPIO[56]
EM_A[0]
EM_A[0]
EM_A[0]
EM_A[0]
EM_A[0]
EM_A[1]
EM_A[1]
EM_A[1]
EM_A[1]
EM_A[1]
EM_A[1]
EM_A[2]
EM_A[2]
EM_A[2]
EM_A[2]
EM_A[2]
EM_A[2]
GPIO[57]
EM_A[3]
EM_A[3]
EM_A[3]
EM_A[3]
EM_A[3]
GPIO[58]
EM_A[4]
EM_A[4]
EM_A[4]
EM_A[4]
EM_A[4]
GPIO[59]
EM_A[5]
EM_A[5]
EM_A[5]
EM_A[5]
EM_A[5]
GPIO[60]
EM_A[6]
EM_A[6]
EM_A[6]
EM_A[6]
EM_A[6]
GPIO[61]
EM_A[7]
EM_A[7]
EM_A[7]
EM_A[7]
EM_A[7]
GPIO[62]
EM_A[8]
EM_A[8]
EM_A[8]
EM_A[8]
EM_A[8]
GPIO[63]
EM_A[9]
EM_A[9]
EM_A[9]
EM_A[9]
EM_A[9]
GPIO[64]
EM_A[10]
EM_A[10]
EM_A[10]
EM_A[10]
EM_A[10]
GPIO[65]
EM_A[11]
EM_A[11]
EM_A[11]
EM_A[11]
EM_A[11]
GPIO[66]
EM_A[12]
EM_A[12]
EM_A[12]
EM_A[12]
EM_A[12]
GPIO[67]
EM_A[13]
EM_A[13]
EM_A[13]
EM_A[13]
EM_A[13]
GPIO[46]
GPIO[46]
GPIO[46]
GPIO[46]
EM_D[8]
EM_D[8]
GPIO[47]
GPIO[47]
GPIO[47]
GPIO[47]
EM_D[9]
EM_D[9]
GPIO[48]
GPIO[48]
GPIO[48]
GPIO[48]
EM_D[10]
EM_D[10]
GPIO[49]
GPIO[49]
GPIO[49]
GPIO[49]
EM_D[11]
EM_D[11]
GPIO[50]
GPIO[50]
GPIO[50]
GPIO[50]
EM_D[12]
EM_D[12]
GPIO[51]
GPIO[51]
GPIO[51]
GPIO[51]
EM_D[13]
EM_D[13]
GPIO[52]
GPIO[52]
GPIO[52]
GPIO[52]
EM_D[14]
EM_D[14]
GPIO[53]
GPIO[53]
GPIO[53]
GPIO[53]
EM_D[15]
EM_D[15]
3.9.2
Software Controlled Pin Multiplexing
All pin multiplexing options are configurable by software via pin mux registers that reside in the System
Control Module. The PinMux0 Register controls the Video In muxing, PinMux1 register controls Video Out
signals, PinMux2 register controls AEMIF signals, PinMux3 registers control the multiplexing of the GIO
signals, the PinMux4 register controls the SPI and MMC/SD0 signals. Refer to TMS320DM35x Digital
Media System-on-Chip (DMSoC) ARM Subsystem Reference Guide (literature numberSPRUFB3) for
complete descriptions of the pin mux registers.
3.10 Device Reset
There are five types of reset in DM355. The types of reset differ by how they are initiated and/or by their
effect on the chip. Each type is briefly described in Table 3-20 and further described in TMS320DM35x
Digital Media System-on-Chip (DMSoC) ARM Subsystem Reference Guide (literature number SPRUFB3).
Table 3-20. Reset Types
Type
Initiator
Effect
POR (Power-On-Reset)
RESET pin low and TRST low
Total reset of the chip (cold reset). Resets all modules
including memory and emulation.
Warm Reset
RESET pin low and TRST high (initiated by ARM
Resets all modules including memory, except ARM
emulator).
emulation.
Max Reset
ARM emulator or Watchdog Timer (WDT).
Same effect as warm reset.
84
Detailed Device Description
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com