Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 32Page - Texas Instruments TMS320DM355 Datasheet HTML 33Page - Texas Instruments TMS320DM355 Datasheet HTML 34Page - Texas Instruments TMS320DM355 Datasheet HTML 35Page - Texas Instruments TMS320DM355 Datasheet HTML 36Page - Texas Instruments TMS320DM355 Datasheet HTML 37Page - Texas Instruments TMS320DM355 Datasheet HTML 38Page - Texas Instruments TMS320DM355 Datasheet HTML 39Page - Texas Instruments TMS320DM355 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Table 2-20. PWM Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
COUT3-
B6 /
Digital Video Out: VENC settings determine function GIO: GIO[077]
GIO077 /
E3
I/O/Z
VDD_VOUT
PWM2C
PWM2C /
RTO2
RTO2
COUT2-
B5 /
Digital Video Out: VENC settings determine function GIO: GIO[076]
GIO076 /
E4
I/O/Z
VDD_VOUT
PWM2D
PWM2D /
RTO3
RTO3
COUT1-
B4 /
Digital Video Out: VENC settings determine function GIO: GIO[075]
F3
I/O/Z
VDD_VOUT
GIO075 /
PWM3A
PWM3A
COUT0-
B3 /
Digital Video Out: VENC settings determine function GIO: GIO[074]
F4
I/O/Z
VDD_VOUT
GIO074 /
PWM3B
PWM3B
FIELD /
Video Encoder: Field identifier for interlaced display formats GIO: GIO[070]
GIO070 /
H4
I/O/Z
VDD_VOUT
Digital Video Out: R2
R2 /
PWM3C
PWM3C
EXTCLK /
Video Encoder: External clock input, used if clock rates > 27 MHz are needed,
GIO069 /
PD
G3
I/O/Z
e.g. 74.25 MHz for HDTV digital output GIO: GIO[069] Digital Video Out: B2
B2 /
VDD_VOUT
PWM3D
PWM3D
2.18 System Configuration Interface
The DM355 provides interfaces for system configuration and boot load.
Table 2-21. System/Boot Terminal Functions
TERMINAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
EM_A13/
Async EMIF: Address bus bit 13
PD
GIO067/
V19
I/O/Z
GIO: GIO[067]
VDD
BTSEL[1]
System: BTSEL[1:0] sampled at power-on-reset to determine boot method.
EM_A12/
Async EMIF: Address bus bit 12
PD
GIO066/
U19
I/O/Z
GIO: GIO[066]
VDD
BTSEL[0]
System: BTSEL[1:0] sampled at power-on-reset to determine boot method.
Async EMIF: Address bus bit 11
EM_A11/
GIO: GIO[065]
PU
GIO065/
R16
I/O/Z
System: AECFG[3:0] sampled a power-on-reset to set AEMIF configuration.
VDD
AECFG[3]
AECFG[3] sets default fo PinMux2.EM_D15_8. AEMIF default bus width (16 or 8
bits).
Async EMIF: Address bus bit 10
EM_A10/
GIO: GIO[064]
PU
GIO064/
R18
I/O/Z
System: AECFG[3:0] sampled a power-on-reset to set AEMIF configuration.
VDD
AECFG[2]
AECFG[2:1] sets default fo PinMux2.EM_BA0. AEMIF EM_BA0 definition:
(EM_BA0, EM_A14, GIO[054], rsvd)
Async EMIF: Address bus bit 09
EM_A09/
GIO: GIO[063]
PD
GIO063/
P17
I/O/Z
System: AECFG[3:0] sampled a power-on-reset to set AEMIF configuration.
VDD
AECFG[1]
AECFG[2:1] sets default fo PinMux2.EM_BA0. AEMIF EM_BA0 definition:
(EM_BA0, EM_A14, GIO[054], rsvd)
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3 , Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
36
Device Overview
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com