Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 96 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 92Page - Texas Instruments TMS320DM355 Datasheet HTML 93Page - Texas Instruments TMS320DM355 Datasheet HTML 94Page - Texas Instruments TMS320DM355 Datasheet HTML 95Page - Texas Instruments TMS320DM355 Datasheet HTML 96Page - Texas Instruments TMS320DM355 Datasheet HTML 97Page - Texas Instruments TMS320DM355 Datasheet HTML 98Page - Texas Instruments TMS320DM355 Datasheet HTML 99Page - Texas Instruments TMS320DM355 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
The EDMA Controller consists of two major blocks: the Transfer Controller (TC) and the Channel
Controller (CC). The CC is a highly flexible Channel Controller that serves as the user interface and event
interface for the EDMA system. The CC supports 64-event channels and 8 QDMA channels. The CC
consists of a scalable Parameter RAM (PaRAM) that supports flexible ping-pong, circular buffering,
channel-chaining, auto-reloading, and memory protection.
The EDMA Channel Controller has the following features:
•
Fully orthogonal transfer description
–
Three transfer dimensions
–
A-synchronized transfers: one dimension serviced per event
–
AB- synchronized transfers: two dimensions serviced per event
–
Independent indexes on source and destination
–
Chaining feature allows 3-D transfer based on single event
•
Flexible transfer definition
–
Increment and constant addressing modes
–
Linking mechanism allows automatic PaRAM set update
–
Chaining allows multiple transfers to execute with one event
•
Interrupt generation for:
–
DMA completion
–
Error conditions
•
Debug visibility
–
Queue watermarking/threshold
–
Error and status recording to facilitate debug
•
64 DMA channels
–
Event synchronization
–
Manual synchronization (CPU(s) write to event set register)
–
Chain synchronization (completion of one transfer chains to next)
•
8 QDMA channels
–
QDMA channels are triggered automatically upon writing to a PaRAM set entry
–
Support for programmable QDMA channel to PaRAM mapping
•
128 PaRAM sets
–
Each PaRAM set can be used for a DMA channel, QDMA channel, or link set (remaining)
•
Two transfer controllers/event queues. The system-level priority of these queues is user programmable
•
16 event entries per event queue
•
External events (for example, ASP TX Evt and RX Evt)
The EDMA Transfer Controller has the following features:
•
Two transfer controllers
•
64-bit wide read and write ports per channel
•
Up to four in-flight transfer requests (TR)
•
Programmable priority level
•
Supports two dimensional transfers with independent indexes on source and destination (EDMA3CC
manages the 3rd dimension)
•
Support for increment and constant addressing modes
•
Interrupt and error support
Parameter RAM: Each EDMA is specified by an eight word (32-byte) parameter table contained in
Parameter RAM (PaRAM) within the CC. DM355 provides 128 PaRAM entries, one for each of the 64
DMA channels and for 64 QDMA / Linked DMA entries.
96
Detailed Device Description
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com