Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 81Page - Texas Instruments TMS320DM355 Datasheet HTML 82Page - Texas Instruments TMS320DM355 Datasheet HTML 83Page - Texas Instruments TMS320DM355 Datasheet HTML 84Page - Texas Instruments TMS320DM355 Datasheet HTML 85Page - Texas Instruments TMS320DM355 Datasheet HTML 86Page - Texas Instruments TMS320DM355 Datasheet HTML 87Page - Texas Instruments TMS320DM355 Datasheet HTML 88Page - Texas Instruments TMS320DM355 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Table 3-20. Reset Types (continued)
Type
Initiator
Effect
System Reset
ARM emulator
Resets all modules except memory and ARM
emulation. It is a soft reset that maintains memory
contents and does not affect or reset clocks or power
states.
Module Reset
ARM software
Resets a specific module. Allows the ARM to
independently reset any module. Module reset is
intended as a debug tool not as a tool to use in
production.
3.11 Default Device Configurations
After POR, warm reset, and max reset, the chip is in its default configuration. This section highlights the
default configurations associated with PLLs, clocks, ARM boot mode, and AEMIF.
NOTE
Default configuration is the configuration immediately after POR, warm reset, and max reset
and just before the boot process begins. The boot ROM updates the configuration. See
Section 3.12 for more information on the boot process.
3.11.1 Device Configuration Pins
The device configuration pins are described in Table 3-21. The device configuration pins are latched at
reset and allow you to configure all of the following options at reset:
•
ARM Boot Mode
•
Asynchronous EMIF pin configuration
These pins are described further in the following sections.
NOTE
The device configuration pins are multiplexed with AEMIF pins. After the device configuration
pins are sampled at reset, they automatically change to function as AEMIF pins. Pin
multiplexing is described in Section 3.8.
Table 3-21. Device Configuration
Default Setting (by
internal
Device
Sampled
pull-up/
Configuration Input
Function
Pin
pull-down)
Device Configuration Affected
BTSEL[1:0]
Selects ARM boot mode
EM_A[13:12]
00
If any ROM boot mode is selected, GIO61
00 = Boot from ROM (NAND
(NAND)
is used to indicated boot status.
with SPI EEPROM boot
If NAND boot is selected, CE0 is used for
option)
NAND and SPI0 is used for SPI boot
01 = Boot from AEMIF
option. Use AECFG[3:0] to configure
10 = Boot from ROM
AEMIF pins for NAND.
(MMC/SD)
If AEMIF boot is selected, CE0 is used for
11 = Boot from ROM (UART)
AEMIF device (OneNAND, ROM). Use
AECFG[3:0] to configure AEMIF pins for
NAND.
If MMC/SD boot is selected, MMC/SD0 is
used.
AECFG[3:0]
Selects AEMIF pin
EM_A[11:8]
1101
Selects the AEMIF pin configuration. Refer
configuration
(NAND)
to pin-muxing information in Section 3.9.1.
Note that AECFG[3:0] affects both AEMIF
(BTSEL[1:0]=01) and NAND
(BTSEL[1:0]=00) boot modes.
Copyright © 2007–2010, Texas Instruments Incorporated
Detailed Device Description
85
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com