Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 3Page - Texas Instruments TMS320DM355 Datasheet HTML 4Page - Texas Instruments TMS320DM355 Datasheet HTML 5Page - Texas Instruments TMS320DM355 Datasheet HTML 6Page - Texas Instruments TMS320DM355 Datasheet HTML 7Page - Texas Instruments TMS320DM355 Datasheet HTML 8Page - Texas Instruments TMS320DM355 Datasheet HTML 9Page - Texas Instruments TMS320DM355 Datasheet HTML 10Page - Texas Instruments TMS320DM355 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data sheet revision history highlights the technical changes made to the SPRS463F device-specific
data sheet to make it an SPRS463G revision.
Scope: Applicable updates to the DM35x DMSoC device family, specifically relating to the
TMS320DM355 device, have been incorporated.
Note: DM355 27J supports 198MHz max DDR.
Revision G Updates
ADDS/CHANGES/DELETES
Section 1.1
Changed Feature bullet from NAND Flash to NAND Flash (with SPI EEPROM Boot option).
Section 2.4
Table 2-9 and Table 2-11
•
Added "Used to drive boot status LED signal (active low) in ROM boot modes." to pin number
P16.
•
Deleted "Used to drive boot status LED signal (active low) in ROM boot modes." from pin
number V19.
Section 2.21.2
Updated Figure 2-5, Device Nomenclature.
Section 2.20
Updated Table 2-23, changed Reset State values.
Section 3.2.4
Changed NAND to NAND (with SPI EEPROM Boot option).
Section 3.5
Table 3-4, Table 3-10, and Table 3-13:
•
Updated/Changed "(/2 or /1 programmable)" to "POSTDIV" and added "(/2 or /1
programmable)" to 2nd row
Section 3.5.4
•
Added Section 3.5.4.1.3.
•
Added Section 3.5.4.2.3.
Table 3-21
Updated BTSEL Function and NAND configuration in table.
Table 3-22
Updated table:
•
Changed BTSEL[1:0] = 00 – Enable (NAND) to BTSEL[1:0] = 00 – Enable (NAND, SPI)
Changed SPI0 Module State from SyncRst to:
•
BTSEL[1:0] = 00 – Enable (NAND, SPI)
•
BTSEL[1:0] = 01 – SyncRst (OneNAND)
•
BTSEL[1:0] = 10 – Enable (MMC/SD)
•
BTSEL[1:0] = 11 – Enable (UART)
Section 3.12
Added Section 3.12.2, "RBL NAND Boot Process" and associated Standard and Compatibility
mode references throughout the document.
Section 3.12.1
Added ARM ROM Boot - SPI boot in NAND Mode bullet and sub-bullets.
Figure 3-6
Added SPI Flash to Diagram.
Section 4.2
Added last row to table including table note.
Section 4.3
Updated/Changed the following values in Section 4.3:
•
IOH MAX value from "-100 mA" to "-4000 mA"
•
IOZ TYP (IPU disabled) value from "±10 µA" to "±20 µA"
•
IOZ TYP (IPU enabled) added value of ±100 µA"
Added "Test Conditions" for IOH and IOL parameters
Table 5-5
Changed parameter 4 on table and added table note.
Table 5-6
Changed parameter 4 on table and added table note.
Table 5-45
Changed parameter 4 on table and added table note.
Section 5.7.1.3
Added table note to Table 5-14.
Copyright © 2007–2010, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com