Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 48Page - Texas Instruments TMS320DM355 Datasheet HTML 49Page - Texas Instruments TMS320DM355 Datasheet HTML 50Page - Texas Instruments TMS320DM355 Datasheet HTML 51Page - Texas Instruments TMS320DM355 Datasheet HTML 52Page - Texas Instruments TMS320DM355 Datasheet HTML 53Page - Texas Instruments TMS320DM355 Datasheet HTML 54Page - Texas Instruments TMS320DM355 Datasheet HTML 55Page - Texas Instruments TMS320DM355 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Table 2-23. DM355 Pin Descriptions (continued)
Name
BGA
Type Group
Power
PU
Reset
Description(4)
Mux Control
ID
(1)
Supply(2)
PD(3)
State
USB_VBUS
E5
A I/O USBP
For host or device mode operation, tie the
HY
VBUS/USB power signal to the USB
connector.
When used in OTG mode operation, tie
VBUS to the external charge pump and to
the VBUS signal on the USB connector.
When the USB is not used, tie VBUS to
VSS_USB.
USB_DRVVBU
C5
O
USBP
VDD
Digital output to control external 5 V supply
S
HY
VSS_USB_REF
C8
GND USBP
VDD
USB Ground Reference
HY
Connect directly to ground and to USB_R1
via 10K
Ω ±1% resistor placed as close to
the device as possible.
VDDA33_USB
J8
PWR USBP
VDD
Analog 3.3 V power USB PHY (Transceiver)
HY
VSS_USB
B7
GND USBP
VDD
Analog 3.3 V ground for USB PHY
HY
(Transceiver)
VDDA33_USB_PLL
B6
PWR USBP
VDD
Common mode 3.3 V power for USB PHY
HY
(PLL)
VSS_USB
D6
GND USBP
VDD
Common mode 3.3 V ground for USB PHY
HY
(PLL)
VDDA13_USB
H7
PWR USBP
VDD
Analog 1.3 V power for USB PHY
HY
VSS_USB
E6
GND USBP
VDD
Analog 1.3 V ground for USB PHY
HY
VDDD13_USB
C6
PWR USBP
VDD
Digital 1.3 V power for USB PHY
HY
MMCSD0_CLK
A15
I/O
MMC
VDD
out L
MMCSD0: Clock
PINMUX4[2].MMCS
SD0
D0_MS
MMCSD0_CMD
C14
I/O
MMC
VDD
in
MMCSD0: Command
PINMUX4[2].MMCS
SD0
D0_MS
MMCSD0_DAT
A14
I/O
MMC
VDD
in
MMCSD0: DATA3
PINMUX4[2].MMCS
A3
SD0
D0_MS
MMCSD0_DAT
B13
I/O
MMC
VDD
in
MMCSD0: DATA2
PINMUX4[2].MMCS
A2
SD0
D0_MS
MMCSD0_DAT
D14
I/O
MMC
VDD
in
MMCSD0: DATA1
PINMUX4[2].MMCS
A1
SD0
D0_MS
MMCSD0_DAT
B14
I/O
MMC
VDD
in
MMCSD0: DATA0
PINMUX4[2].MMCS
A0
SD0
D0_MS
UART0_RXD
U18
I
UART
VDD
in
UART0: Receive Data
0
Used for UART boot mode
UART0_TXD
T18
O
UART
VDD
out H
UART0: Transmit Data
0
Used for UART boot mode
SPI0_SDENA[0]
B12
I/O
SPI0 /
VDD
in
SPI0: Enable / Chip Select 0
PINMUX4[0].SPI0_S
/ GIO103
GIO
DENA
GIO: GIO[103]
SPI0_SCLK
C12
I/O
SPI0
VDD
in
SPI0: Clock
SPI0_SDI /
A12
I/O
SPI0 /
VDD
in
SPI0: Data In
PINMUX4[1].SPI0_S
GIO102
GIO
DI
GIO: GIO[102]
SPI0_SDO
B11
I/O
SPI0
VDD
in
SPI0: Data Out
52
Device Overview
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com