Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320DM355 Datasheet HTML 1Page - Texas Instruments TMS320DM355 Datasheet HTML 2Page - Texas Instruments TMS320DM355 Datasheet HTML 3Page - Texas Instruments TMS320DM355 Datasheet HTML 4Page - Texas Instruments TMS320DM355 Datasheet HTML 5Page - Texas Instruments TMS320DM355 Datasheet HTML 6Page - Texas Instruments TMS320DM355 Datasheet HTML 7Page - Texas Instruments TMS320DM355 Datasheet HTML 8Page - Texas Instruments TMS320DM355 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
1.2
Description
The DM355 is a highly integrated, programmable platform for digital still camera, digital photo frames, IP
security cameras, 4-channel digital video recorders, video door bell application, and other low cost
portable digital video applications. Designed to offer portable video designers and manufacturers the
ability to produce affordable portable digital video solutions with high picture quality, the DM355 combines
high performance MPEG4 HD (720p) codecs and JPEG codecs up to 50M pixels per second, high quality,
and low power consumption at a very low price point. The DM355 also enables seamless interface to most
additional external devices required for a complete digital camera implementation. The interface is flexible
enough to support various types of CCD and CMOS sensors, signal conditioning circuits, power
management, DDR/mDDR memory, SRAM, NAND, shutter, Iris and auto-focus motor controls, etc.
The DM355 processor core is an ARM926EJ-S RISC processor. The ARM926EJ-S is a 32-bit processor
core that performs 32-bit and 16-bit instructions and processes 32-bit, 16-bit, and 8-bit data. The core
uses pipelining so that all parts of the processor and memory system can operate continuously. The ARM
core incorporates:
•
A coprocessor 15 (CP15) and protection module
•
Data and program Memory Management Units (MMUs) with table look-aside buffers.
•
Separate 16K-byte instruction and 8K-byte data caches. Both are four-way associative with virtual
index virtual tag (VIVT).
DM355 performance is enhanced by its MPEG4/JPEG coprocessor. The MPEG4/JPEG coprocessor
performs the computational operations required for image processing; JPEG compression and MPEG4
video and imaging standard. The MPEG4/JPEG coprocessor supports MPEG4 SP at HD (720p), D1,
VGA, SIF encode/decode resolutions and JPEG encode/decode up to 50M pixels per second.
The DM355 device has a Video Processing Subsystem (VPSS) with two configurable video/imaging
peripherals:
•
A Video Processing Front-End (VPFE)
•
A Video Processing Back-End (VPBE)
The VPFE port provides an interface for CCD/CMOS imager modules and video decoders. The VPBE
provides hardware On Screen Display (OSD) support and composite NTSC/PAL and digital LCD output.
The DM355 peripheral set includes:
•
An inter-integrated circuit (I2C) Bus interface
•
Two audio serial ports (ASP)
•
Three 64-bit general-purpose timers each configurable as two independent 32-bit timers
•
A 64-bit watchdog timer
•
Up to 104-pins of general-purpose input/output (GPIO) with programmable interrupt/event generation
modes, multiplexed with other peripherals
•
Three UARTs with hardware handshaking support on one UART
•
Three serial port Interfaces (SPI)
•
Four pulse width modulator (PWM) peripherals
•
Four real time out (RTO) outputs
•
Two Multi-Media Card / Secure Digital (MMC/SD/SDIO) interfaces
•
Wireless interfaces (Bluetooth, WLAN, WUSB) through SDIO
•
A USB 2.0 full and high-speed device and host interface
•
Two external memory interfaces:
–
An asynchronous external memory interface (AEMIF) for slower memories/peripherals such as
NAND and OneNAND,
–
A high speed synchronous memory interface for DDR2/mDDR.
Copyright © 2007–2010, Texas Instruments Incorporated
TMS320DM355 Digital Media System-on-Chip (DMSoC)
3
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com