Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 23Page - Texas Instruments TMS320DM355 Datasheet HTML 24Page - Texas Instruments TMS320DM355 Datasheet HTML 25Page - Texas Instruments TMS320DM355 Datasheet HTML 26Page - Texas Instruments TMS320DM355 Datasheet HTML 27Page - Texas Instruments TMS320DM355 Datasheet HTML 28Page - Texas Instruments TMS320DM355 Datasheet HTML 29Page - Texas Instruments TMS320DM355 Datasheet HTML 30Page - Texas Instruments TMS320DM355 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Table 2-11. GPIO Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
Async EMIF: Address Bus bit[09]
EM_A09 /
PD
GIO: GIO[063] System: AECFG[3:0] sampled at Power-on-Reset to set AEMIF
GIO063 /
P17
I/O/Z
VDD
Configuration AECFG[2:1] sets default for PinMux2.EM_BA0: AEMIF EM_BA0
AECFG[1]
Definition (EM_BA0, EM_A14, GIO[054], rsvd)
Async EMIF: Address Bus bit[10]
EM_A10 /
PU
GIO: GIO[064] System: AECFG[3:0] sampled at Power-on-Reset to set AEMIF
GIO064 /
R18
I/O/Z
VDD
Configuration AECFG[2:1] sets default for PinMux2.EM_BA0: AEMIF EM_BA0
AECFG[2]
Definition (EM_BA0, EM_A14, GIO[054], rsvd)
Async EMIF: Address Bus bit[11]
EM_A11 /
PU
GIO: GIO[065] System: AECFG[3:0] sampled at Power-on-Reset to set AEMIF
GIO065 /
R16
I/O/Z
VDD
Configuration AECFG[3] sets default for PinMux2.EM_D15_8: AEMIF Default
AECFG[3]
Bus Width (16 or 8 bits)
EM_A12 /
Async EMIF: Address Bus bit[12]
PD
GIO066 /
U19
I/O/Z
GIO: GIO[066] System: BTSEL[1:0] sampled at Power-on-Reset to determine
VDD
BTSEL[0]
Boot method
EM_A13 /
Async EMIF: Address Bus bit[13]
PD
GIO067 /
V19
I/O/Z
GIO: GIO[067] System: BTSEL[1:0] sampled at Power-on-Reset to determine
VDD
BTSEL[1]
Boot method.
VCLK /
Video Encoder: Video Output Clock
H3
I/O/Z
VDD_VOUT
GIO068
GIO: GIO[068]
EXTCLK /
Video Encoder: External clock input, used if clock rates > 27 MHz are needed,
GIO069 /
PD
G3
I/O/Z
e.g. 74.25 MHz for HDTV digital output
B2 /
VDD_VOUT
GIO: GIO[069] Digital Video Out: B2 PWM3D
PWM3D
FIELD /
GIO070 /
Video Encoder: Field identifier for interlaced display formats
H4
I/O/Z
VDD_VOUT
R2 /
GIO: GIO[070] Digital Video Out: R2 PWM3C
PWM3C
VSYNC /
PD
Video Encoder: Vertical Sync
G5
I/O/Z
GIO072
VDD_VOUT
GIO: GIO[072]
HSYNC /
PD
Video Encoder: Horizontal Sync
F5
I/O/Z
GIO073
VDD_VOUT
GIO: GIO[073]
COUT0-
B3 /
Digital Video Out: VENC settings determine function GIO: GIO[074]
F4
I/O/Z
VDD_VOUT
GIO074 /
PWM3B
PWM3B
COUT1-
B4 /
Digital Video Out: VENC settings determine function GIO: GIO[075]
F3
I/O/Z
VDD_VOUT
GIO075 /
PWM3A
PWM3A
COUT2-
B5 /
Digital Video Out: VENC settings determine function GIO: GIO[076] PWM2D
GIO076 /
E4
I/O/Z
VDD_VOUT
RTO3
PWM2D /
RTO3
COUT3-
B6 /
Digital Video Out: VENC settings determine function GIO: GIO[077] PWM2C
GIO077 /
E3
I/O/Z
VDD_VOUT
RTO2
PWM2C /
RTO2
COUT4-
B7 /
Digital Video Out: VENC settings determine function GIO: GIO[078] PWM2B
GIO078 /
D3
I/O/Z
VDD_VOUT
RTO1
PWM2B /
RTO1
COUT5-
G2 /
Digital Video Out: VENC settings determine function GIO: GIO[079] PWM2A
GIO079 /
C1
I/O/Z
VDD_VOUT
RTO0
PWM2A /
RTO0
Copyright © 2007–2010, Texas Instruments Incorporated
Device Overview
27
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com