Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 117 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 117 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 113Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 114Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 115Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 116Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 117Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 118Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 119Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 120Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 121Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 176 page
background image
117
AT89C5131
4136B–USB–09/03
Function Interface Unit (FIU)
The Function Interface Unit provides the interface between the AT89C5131 and the SIE.
It manages transactions at the packet level with minimal intervention from the device
firmware, which reads and writes the endpoint FIFOs.
Figure 55. UFI Block Diagram
Figure 56. Minimum Intervention from the USB Device Firmware
Transfer
Control
FSM
DPR Control
USB Side
CSREG 0 to 7
Registers
Bank
DPR Control
mP side
FIU
User DPRAM
Up to 48 MHz
UC_sysclk
C51
Microcontroller
Interface
Asynchronous Information
Transfer
Endpoint 0
Endpoint 1
Endpoint 2
Endpoint 3
SIE
DPLL
Endpoint 4
Endpoint 5
Endpoint 6
OUT Transactions:
HOST
UFI
C51
OUT DATA0 (n bytes)
ACK
Endpoint FIFO read (n bytes)
OUT
DATA1
NACK
OUT
DATA1
ACK
IN Transactions:
HOST
UFI
C51
IN
ACK
Endpoint FIFO write
IN
DATA1
NACK
interrupt C51
IN
DATA1
interrupt C51
Endpoint FIFO write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com