Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 113 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 113 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 109Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 110Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 111Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 112Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 113Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 114Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 115Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 116Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 117Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 176 page
background image
113
AT89C5131
4136B–USB–09/03
1
SD1
Address bit 1 or Data bit 1.
0
SD0
Address bit 0 (R/W) or Data bit 0.
Table 86. SSCS (094h) Read - Synchronous Serial Control and Status Register
7654321
0
SC4
SC3
SC2
SC1
SC0
0
0
0
Bit
Number
Bit
Mnemonic
Description
0
0
Always zero
1
0
Always zero
2
0
Always zero
3SC0
Status Code bit 0
See Table 80 to Table 83
4SC1
Status Code bit 1
See Table 80 to Table 83
5SC2
Status Code bit 2
See Table 80 to Table 83
6SC3
Status Code bit 3
See Table 80 to Table 83
7SC4
Status Code bit 4
See Table 80 to Table 83
Table 87. SSADR (096h) - Synchronous Serial Address Register (read/write)
7654321
0
A7
A6
A5
A4
A3
A2
A1
A0
Bit
Number
Bit
Mnemonic
Description
7A7
Slave address bit 7.
6A6
Slave address bit 6.
5A5
Slave address bit 5.
4A4
Slave address bit 4.
3A3
Slave address bit 3.
2A2
Slave address bit 2.
1A1
Slave address bit 1.
0GC
General call bit
Clear to disable the general call address recognition.
Set to enable the general call address recognition.
Bit
Number
Bit
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com