Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 114 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 114 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 110Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 111Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 112Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 113Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 114Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 115Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 116Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 117Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 176 page
background image
114
AT89C5131
4136B–USB–09/03
USB Controller
Introduction
The AT89C5131 implements a USB device controller supporting full speed data transfer
in accordance with the USB 1.1 and 2.0 Specifications. In addition to the default control
endpoint 0, it provides 6 other endpoints, which can be configured in control, bulk, inter-
rupt or isochronous modes:
•
Endpoint 0:32-byte FIFO, default control endpoint
•
Endpoint 1, 2, 3: 32-byte FIFO
•
Endpoint 4, 5: 2 x 64-byte Ping-pong FIFO
•
Endpoint 6: 2 x 512-byte Ping-pong FIFO
This allows the firmware to be developed conforming to most USB device classes, for
example:
•
USB Mass Storage Class Control/Bulk/Interrupt (CBI) Transport, Revision 1.0 -
December 14, 1998
•
USB Mass Storage Class Bulk-only Transport, Revision 1.0 - September 31, 1999
•
USB Human Interface Device Class, Version 1.1 - April 7, 1999
•
USB Device Firmware Upgrade Class, Revision 1.0 - May 13, 1999
USB Mass Storage Classes
USB Mass Storage Class CBI
Transport
Within the CBI framework, the control endpoint is used to transport command blocks as
well as to transport standard USB requests. One Bulk-out endpoint is used to transport
data from the host to the device. One Bulk-in endpoint is used to transport data from the
device to the host. And one interrupt endpoint may also be used to signal command
completion (protocol 0) but it is optional and may not be used (protocol 1).
The following configuration adheres to these requirements:
•
Endpoint 0: 8 bytes, Control In-Out
•
Endpoint 4: 64 bytes, Bulk-out
•
Endpoint 5: 64 bytes, Bulk-in
•
Endpoint 3: 8 bytes, Interrupt In
USB Mass Storage Class Bulk-
only Transport
Within the Bulk-only framework, the Control endpoint is only used to transport class-
specific and standard USB requests for device set-up and configuration. One Bulk-out
endpoint is used to transport commands and data from the host to the device. One Bulk-
in endpoint is used to transport status and data from the device to the host. No interrupt
endpoint is needed.
The following configuration adheres to these requirements:
•
Endpoint 0: 8 bytes, Control In-Out
•
Endpoint 4: 64 bytes, Bulk-out
•
Endpoint 5: 64 bytes, Bulk-in
•
Endpoint 3: not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com