Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 111 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 107Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 108Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 109Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 110Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 111Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 112Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 113Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 114Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 176 page
background image
111
AT89C5131
4136B–USB–09/03
Figure 52. Format and State in the Slave Transmitter Mode
Table 83. Status for Miscellaneous States
SSLA
R
A
Data
A
Data
P or S
A
A8h
B8h
C0h
P or S
A
C8h
All 1’s
A
B0h
Data
A
n
From master to slave
From slave to master
Any number of data bytes and their associated
acknowledge bits
This number (contained in SSCS) corresponds
to a defined state of the TWI bus
Reception of the
own slave address
and one or more
data bytes
Arbitration lost as master
and addressed as slave
Last data byte transmitted.
Switched to not addressed
slave (AA=0)
Status Code
(SSCS)
Status of the TWI bus
and TWI hardware
Application Software Response
Next action taken by
TWI software
To/From SSDAT
To SSCON
S
T
A
S
T
O
S
I
A
A
F8h
No relevant state
information available;
SI= 0
No SSDAT action
No SSCON
action
Wait or proceed current
transfer
00h
Bus error due to an
illegal START or STOP
condition
No SSDAT action
0
1
0
X
Only the internal
hardware is affected, no
STOP condition is sent on
the bus. In all cases, the
bus is released and STO
is reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com