Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 112 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 112 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 108Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 109Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 110Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 111Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 112Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 113Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 114Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 115Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 116Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 176 page
background image
112
AT89C5131
4136B–USB–09/03
Registers
Table 84. SSCON Register
SSCON - Synchronous Serial Control Register (93h)
7654321
0
CR2
SSIE
STA
STO
SI
AA
CR1
CR0
Bit
Number
Bit
Mnemonic
Description
7CR2
Control Rate bit 2
See .
6SSIE
Synchronous Serial Interface Enable bit
Clear to disable SSLC.
Set to enable SSLC.
5STA
Start flag
Set to send a START condition on the bus.
4ST0
Stop flag
Set to send a STOP condition on the bus.
3SI
Synchronous Serial Interrupt flag
Set by hardware when a serial interrupt is requested.
Must be cleared by software to acknowledge interrupt.
2AA
Assert Acknowledge flag
Clear in master and slave receiver modes, to force a not acknowledge (high level
on SDA).
Clear to disable SLA or GCA recognition.
Set to recognise SLA or GCA (if GC set) for entering slave receiver or transmitter
modes.
Set in master and slave receiver modes, to force an acknowledge (low level on
SDA).
This bit has no effect when in master transmitter mode.
1CR1
Control Rate bit 1
See Table
0CR0
Control Rate bit 0
See Table
Table 85. SSDAT (095h) - Synchronous Serial Data Register (read/write)
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
7654321
0
Bit
Number
Bit
Mnemonic
Description
7
SD7
Address bit 7 or Data bit 7.
6
SD6
Address bit 6 or Data bit 6.
5
SD5
Address bit 5 or Data bit 5.
4
SD4
Address bit 4 or Data bit 4.
3
SD3
Address bit 3 or Data bit 3.
2
SD2
Address bit 2 or Data bit 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com