Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 153 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 153 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 149Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 150Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 151Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 152Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 153Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 154Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 155Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 156Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 157Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 176 page
background image
153
AT89C5131
4136B–USB–09/03
Electrical Characteristics
Absolute Maximum Ratings
DC Parameters for Low Voltage
TA = -40
°C to +85°C; V
SS = 0V; VCC = 3.3V ± 10%; F = 0 to 40 MHz
Ambient Temperature Under Bias:
I = industrial ........................................................-40
°C to 85°C
Storage Temperature .................................... -65
°C to + 150°C
Voltage on V
CC from VSS ...................................-0.5V to + 3.6V
Voltage on Any Pin from V
SS .....................-0.5V to VCC + 0.2V
Note:
Stresses at or above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions may affect
device reliability.
Symbol
Parameter
Min
Typ
(5)
Max
Unit
Test Conditions
VIL
Input Low Voltage
-0.5
0.2Vcc - 0.1
V
VIH
Input High Voltage except XTAL1, RST
0.2 VCC + 0.9
VCC + 0.5
V
VIH1
Input High Voltage, XTAL1, RST
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage, ports 1, 2, 3 and 4
(6)
0.3
0.45
1.0
V
V
V
IOL = 100 µA
(4)
IOL = 0.8 mA
(4)
IOL = 1.6mA
(4)
VOL1
Output Low Voltage, port 0, ALE, PSEN
(6)
0.3
0.45
1.0
V
V
V
IOL = 200 µA
(4)
IOL = 1.6 mA
(4)
IOL = 3.5 mA
(4)
VOH
Output High Voltage, ports 1, 2, 3, 4 and 5
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -10 µA
IOH = -30 µA
IOH = -60 µA
VCC = 3.3V ± 10%
VOH1
Output High Voltage, port 0, ALE, PSEN
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -200 µA
IOH = -1.6 mA
IOH = -3.5 mA
VCC = 3.3V ± 10%
RRST
RST Pullup Resistor
50
100
200
k
Ω
IIL
Logical 0 Input Current ports 1, 2, 3 and 4
-50
µA
Vin = 0.45V
ILI
Input Leakage Current
±10
µA
0.45V < Vin < VCC
I
TL
Logical 1 to 0 Transition Current, ports 1, 2, 3
and 4
-650
µA
Vin = 2.0V
CIO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA = 25
°C
I
PD
Power-down Current
50
100
µA3.0V < V
CC < 3.6V
(3)
I
CC
Power Supply Current
I
CCOP = 0.7 Freq (MHz) + 3 mA
I
CCIDLE = 0.6 Freq (MHz) + 2 mA
V
CC = 3.3V
(1)(2)
V
PFDP
Power Fail High Level Threshold
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com