Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 156 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 156 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 152Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 153Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 154Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 155Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 156Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 157Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 158Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 159Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 160Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 176 page
background image
156
AT89C5131
4136B–USB–09/03
USB DC Parameters
Symbol
Parameter
Min
Typ
Max
Unit
V
REF
USB Reference Voltage
3.0
3.6
V
V
IH
Input High Voltage for D+ and D- (Driven)
2.0
V
V
IHZ
Input High Voltage for D+ and D- (Floating)
2.7
3.6
V
V
IL
Input Low Voltage for D+ and D-
0.8
V
V
OH
Output High Voltage for D+ and D-
2.8
3.6
V
VOL
Output Low Voltage for D+ and D-
0.0
0.3
V
1
4
2
3
1 - VBUS
2 - D -
3 - D +
4 - GND
USB “B”
Receptacle
VREF
D +
D -
R
Rpad
Rpad
R = 1.5 k
Ω
Rpad = 27
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com