Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 157 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 157 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 153Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 154Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 155Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 156Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 157Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 158Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 159Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 160Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 161Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 176 page
background image
157
AT89C5131
4136B–USB–09/03
AC Parameters
Explanation of the AC
Symbols
Each timing symbol has 5 characters. The first character is always a “T” (stands for
time). The other characters, depending on their positions, stand for the name of a signal
or the logical status of that signal. The following is a list of all the characters and what
they stand for.
Example:TAVLL = Time for Address Valid to ALE Low.
TLLPL = Time for ALE Low to PSEN Low.
TA = -40°C to +85°C; VSS = 0V; VCC = 3.3V ±10%; F = 0 to 40 MHz.
TA = -40°C to +85°C; VSS = 0V; VCC = 3.3V ± 10%.
(Load Capacitance for port 0, ALE and PSEN = 60 pF; Load Capacitance for all other
outputs = 60 pF.)
Table 112, Table 115 and Table 118 give the description of each AC symbols.
Table 113, Table 117 and Table 119 give for each range the AC parameter.
Table 114, Table 117 and Table 120 give the frequency derating formula of the AC
parameter for each speed range description. To calculate each AC symbols. take the x
value and use this value in the formula.
Example: T
LLIV and 20 MHz, Standard clock.
x = 30 ns
T = 50 ns
T
CCIV = 4T - x = 170 ns
External Program Memory
Characteristics
Table 112. Symbol Description
Symbol
Parameter
T
Oscillator Clock Period
T
LHLL
ALE Pulse Width
T
AVLL
Address Valid to ALE
T
LLAX
Address Hold after ALE
T
LLIV
ALE to Valid Instruction In
T
LLPL
ALE to PSEN
T
PLPH
PSEN Pulse Width
T
PLIV
PSEN to Valid Instruction In
T
PXIX
Input Instruction Hold after PSEN
T
PXIZ
Input Instruction Float after PSEN
T
AVIV
Address to Valid Instruction In
T
PLAZ
PSEN Low to Address Float



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com