Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB5052
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB5052 Datasheet HTML 1Page - Texas Instruments TUSB5052 Datasheet HTML 2Page - Texas Instruments TUSB5052 Datasheet HTML 3Page - Texas Instruments TUSB5052 Datasheet HTML 4Page - Texas Instruments TUSB5052 Datasheet HTML 5Page - Texas Instruments TUSB5052 Datasheet HTML 6Page - Texas Instruments TUSB5052 Datasheet HTML 7Page - Texas Instruments TUSB5052 Datasheet HTML 8Page - Texas Instruments TUSB5052 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
iv
5.2
USBSTA: USB Status Register
5−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3
OEPCNFG_0: Output Endpoint-0 Configuration Register
5−2
. . . . . . . . .
5.4
OEPBCNT_0: Output Endpoint-0 Byte Count Register
5−2
. . . . . . . . . . .
5.5
USBMSK: USB Interrupt Mask Register
5−3
. . . . . . . . . . . . . . . . . . . . . . . .
5.6
USBCTL: USB Control Register
5−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.7
HUBCNF1: Hub-Configuration-1 Register
5−5
. . . . . . . . . . . . . . . . . . . . . . .
5.8
HUBCNF2: Hub-Configuration-2 Register
5−6
. . . . . . . . . . . . . . . . . . . . . . .
5.9
HUBPOTG: Hub Power-On to Power-Good Descriptor Register
5−6
. . .
5.10
HUBPIDL: Hub-PID Register (Low-Byte)
5−6
. . . . . . . . . . . . . . . . . . . . . . . .
5.11
HUBPIDH: Hub-PID Register (High-Byte)
5−6
. . . . . . . . . . . . . . . . . . . . . . .
5.12
HUBVIDL: Hub-VID Register (Low-Byte)
5−7
. . . . . . . . . . . . . . . . . . . . . . . .
5.13
HUBVIDH: Hub-VID Register (High-Byte)
5−7
. . . . . . . . . . . . . . . . . . . . . . .
5.14
Function Reset and Power-Up Reset Interconnect
5−7
. . . . . . . . . . . . . . .
5.15
Pullup Resistor Connect/Disconnect
5−8
. . . . . . . . . . . . . . . . . . . . . . . . . . .
6
DMA Controller
6−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1
DMA Controller Registers
6−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1.1
DMACDR[2:1]: DMA Channel Definition Register
6−2
. . . . . . .
6.1.2
DMACSR[2:1]: DMA Control and Status Register
6−3
. . . . . . .
6.1.3
DMACDR[4:3]: DMA Channel Definition Register
6−4
. . . . . . .
6.1.4
DMACSR[4:3]: DMA Control and Status Register
6−5
. . . . . . .
6.2
Bulk Data I/O Using the EDB
6−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
UARTs
7−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1
UART Registers
7−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1.1
RDR[2:1]: Receiver Data Registers
7−1
. . . . . . . . . . . . . . . . . . .
7.1.2
TDR[2:1]: Transmitter Data Registers
7−1
. . . . . . . . . . . . . . . . .
7.1.3
LCR[2:1]: Line Control Registers
7−2
. . . . . . . . . . . . . . . . . . . . .
7.1.4
FCRL[2:1]: UART Flow Control Registers
7−3
. . . . . . . . . . . . .
7.1.5
MCR[2:1]: Modem-Control Registers
7−5
. . . . . . . . . . . . . . . . . .
7.1.6
LSR[2:1]: Line-Status Registers
7−6
. . . . . . . . . . . . . . . . . . . . . .
7.1.7
MSR[2:1]: Modem-Status Registers
7−7
. . . . . . . . . . . . . . . . . . .
7.1.8
DLL[2:1]: Divisor Low-Byte Registers
7−7
. . . . . . . . . . . . . . . . . .
7.1.9
DLH[2:1]: Divisor High-Byte Registers
7−8
. . . . . . . . . . . . . . . . .
7.1.10
XON[2:1]: Xon Registers
7−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1.11
XOFF[2:1]: Xoff Registers
7−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1.12
MASK[2:1]: UART Interrupt-Mask Registers
7−9
. . . . . . . . . . . .
7.2
UART Data Transfer
7−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2.1
Receiver Data Flow
7−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2.2
Hardware Flow Control
7−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2.3
Auto-RTS (Receiver Control)
7−10
. . . . . . . . . . . . . . . . . . . . . . . . .
7.2.4
Auto-CTS (Transmitter Control)
7−11
. . . . . . . . . . . . . . . . . . . . . . .
7.2.5
Xon/Xoff Receiver Flow Control
7−11
. . . . . . . . . . . . . . . . . . . . . . .
7.2.6
Xon/Xoff Transmitter Flow Control
7−11
. . . . . . . . . . . . . . . . . . . .
8
Expanded GPIO Port
8−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8.1
Input/Output and Control Registers
8−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com