Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 28 Page - Texas Instruments

Part # TUSB5052
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 24Page - Texas Instruments TUSB5052 Datasheet HTML 25Page - Texas Instruments TUSB5052 Datasheet HTML 26Page - Texas Instruments TUSB5052 Datasheet HTML 27Page - Texas Instruments TUSB5052 Datasheet HTML 28Page - Texas Instruments TUSB5052 Datasheet HTML 29Page - Texas Instruments TUSB5052 Datasheet HTML 30Page - Texas Instruments TUSB5052 Datasheet HTML 31Page - Texas Instruments TUSB5052 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
4−8
4.3.3
OEPBCTX_n: Output Endpoint X-Byte Count (n = 1 to 7)
NAK
C6
C5
C4
C3
C2
C1
C0
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
6−0
C[6:0]
x
X-Buffer Byte count:
000.0000b Count = 0
000.0001b Count = 1 byte
:
:
011.1111b Count = 63 bytes
100.0000b Count = 64 bytes
Any value
≥ 100.0001b may result in unpredictable results.
7
NAK
x
NAK = 0
NAK = 1
No valid data in buffer. Ready for host-OUT request
Buffer contains a valid packet from host (gives NAK response to host-OUT request).
4.3.4
OEPBBAY_n: Output Endpoint Y-Buffer Base-Address (n = 1 to 7)
A10
A9
A8
A7
A6
A5
A4
A3
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
A[10:3]
x
A[10:3] of Y-buffer base address (padded with 3-LSB of zeros for a total of 11-bits). This value is set by the MCU.
UBM or DMA uses this value as the start-address of a given transaction. Furthermore, UBM or DMA does not
change this value at the end of a transaction.
4.3.5
OEPBCTY_n: Output Endpoint Y-Byte Count (n = 1 to 7)
NAK
C6
C5
C4
C3
C2
C1
C0
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
6−0
C[6:0]
x
Y-Byte count:
000.0000b Count = 0
000.0001b Count = 1 byte
:
:
011.1111b Count = 63 bytes
100.0000b Count = 64 bytes
Any value
≥ 100.0001b may result in unpredictable results.
7
NAK
x
NAK = 0
NAK = 1
No valid data in buffer. Ready for host-OUT request
Buffer contains a valid packet from host (gives NAK response to host-OUT request).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com