Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 55 Page - Texas Instruments

Part # TUSB5052
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 51Page - Texas Instruments TUSB5052 Datasheet HTML 52Page - Texas Instruments TUSB5052 Datasheet HTML 53Page - Texas Instruments TUSB5052 Datasheet HTML 54Page - Texas Instruments TUSB5052 Datasheet HTML 55Page - Texas Instruments TUSB5052 Datasheet HTML 56Page - Texas Instruments TUSB5052 Datasheet HTML 57Page - Texas Instruments TUSB5052 Datasheet HTML 58Page - Texas Instruments TUSB5052 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
7−7
7.1.7
MSR[2:1]: Modem-Status Registers (2 Registers)
These registers provide information about the current state of the control lines from the modem.
LCD
LRI
LDSR
LCTS
∆CD
TRI
∆DSR
∆CTS
7
6
5
4
32
10
R/O
R/O
R/O
R/O
R/C
R/C
R/C
R/C
BIT
NAME
RESET
FUNCTION
0
∆CTS
0
This bit indicates that CTS input has changed state.
∆CTS = 0 Indicates no change in CTS input.
∆CTS = 1 Indicates that CTS input has changed state since the last time it was read. Clears when the MCU writes
a 1. Writing a 0 has no effect.
1
∆DSR
0
This bit indicates that DSR input has changed state.
∆DSR = 0 Indicates no change in DSR input.
∆DSR = 1 Indicates that DSR input has changed state since the last time it was read. Clears when the MCU writes
a 1. Writing a 0 has no effect.
2
TRI
0
Trailing edge of the ring-indicator. This bit indicates that RI input has changed from low to high level.
RI = 0
Indicates that RI input is high.
RI = 1
Indicates that a transition from low to high level has occurred on RI input. Clears when the MCU writes a
1. Writing a 0 has no effect.
3
∆CD
0
This bit indicates that CD input has changed state.
∆DC = 0 Indicates no change in CD input.
∆DC = 1 Indicates that CD input has changed state since the last time it was read. Clears when the MCU writes
a 1. Writing a 0 has no effect.
4
LCTS
0
During loopback, this bit reflects the status of MCR[5] (see Figure 7−1).
LCTS = 0 CTS input is high
LCTS = 1 CTS input is low
5
LDSR
0
During loopback, this bit reflects the status of MCR[4] (see Figure 7−1).
LDSR = 0 DSR input is high
LDSR = 1 DSR input is low
6
LRI
0
During loopback, this bit reflects the status of MCR[6] (see Figure 7−1).
LRI = 0
RI input is high
LRI = 1
RI input is low
7
LCD
0
During loopback, this bit reflects the status of MCR[7] (see Figure 7−1).
LCD = 0
CD input is high
LCD = 1
CD input is low
7.1.8
DLL[2:1]: Divisor Low-Byte Registers (2 Registers)
These registers contain the low-byte of the baud-rate divisor. The 1.8462-MHz clock is derived from the 48-MHz clock
(dividing by 26). This clock is used for the baud-rate calculation (see Baud-Rate table)
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
D[7:0]
08h
Low-byte value of the 16-bit divisor for generation of the baud clock in the baud-rate generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com