Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 46 Page - Texas Instruments

Part # TUSB5052
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 42Page - Texas Instruments TUSB5052 Datasheet HTML 43Page - Texas Instruments TUSB5052 Datasheet HTML 44Page - Texas Instruments TUSB5052 Datasheet HTML 45Page - Texas Instruments TUSB5052 Datasheet HTML 46Page - Texas Instruments TUSB5052 Datasheet HTML 47Page - Texas Instruments TUSB5052 Datasheet HTML 48Page - Texas Instruments TUSB5052 Datasheet HTML 49Page - Texas Instruments TUSB5052 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
6−4
6.1.3
DMACDR[4:3]: DMA Channel Definition Register (2 UART Receive Channels)
These registers are used to define the EDB number that the DMA uses for data transfer to the UARTs. In addition,
these registers define the data transfer direction and select X or Y as the transaction buffer.
76
5432
10
EN
INE
CNT
XY
XY_WR_PROT
E2
E1
E0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
2−0
E[2:0]
0
Endpoint descriptor pointer. This field points to a set of EDB registers that is to be used for a given transfer.
3
XY_WR_PROT
1
XY protection bit. This bit always returns 1 when read. If this bit is 1 during a write, XY (bit 4) is not affected. If
this bit is 0 during a write, the value of XY is loaded from MCU bit 4.
4
XY
0
XY buffer select bit. Valid only when CNT = 0
XY = 0 Next buffer to transmit/receive is X
XY = 1 Next buffer to transmit/receive is Y
5
CNT
0
DMA continuous transfer control bit. This bit defines the mode of the DMA transfer.
5
CNT
0
CNT = 0
Burst Mode: DMA stops the transfer when the byte count = 0 or when a receiver error occurs. At
the end of transfer, the high-to-low transition of EN interrupts the MCU (if enabled). In this mode,
the XY bit is set by the MCU to define the current buffer (X or Y). Single buffering is required in this
mode.
CNT = 1
Continuous Mode: In this mode, the DMA and UBM alternate between the X and Y buffers. The
UBM sets the XY bit and the DMA uses it for the transfer. The DMA alternates between the
X/Y-buffers and continues transmitting (from X/Y buffer) without MCU intervention. The DMA
terminates, and interrupts the MCU, under the following conditions:
1. Transaction time-out expired: DMA updates EDB and interrupts the MCU. UBM transfers the
partial packet to host.
2. UART receiver error condition: DMA updates EDB and does not interrupt the MCU. UBM
transfers the partial packet to host.
6
INE
0
DMA interrupt enable/disable bit. This bit is used to enable/disable the interrupt on transfer completion.
6
INE
0
INE = 0
Interrupt is disabled. In addition, OVRUN and TXFT do not clear the EN bit and the DMAC is not
disabled.
INE = 1
Enables the EN interrupt. When this bit is set, the DMA interrupts the MCU on a 1-to-0 transition
of the EN bit. (When transfer is completed, EN = 0)
7
EN
0
DMA channel enable bit. The MCU sets this bit to start the DMA transfer. When the transfer completes, or
when it is terminated due to error, this bit is cleared. The 1-to-0 transition of this bit generates an interrupt (if
interrupt is enabled).
EN = 0
DMA is halted. The DMA is halted when transaction time-out occurs, or under a UART
receiver-error condition. When halted, the DMA updates the byte-count and sets NAK = 0 in
IEDB. If the termination is due to transaction time-out, the DMA generates an interrupt. However,
if the termination is due to a UART error condition, the DMA does not generate an interrupt. (The
UART generates the interrupt.)
EN = 1
Setting this bit starts the DMA transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com